Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8107 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8107
Description  Video Crosspoint Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8107 Fiches technique(HTML) 1 Page - Analog Devices

  AD8107_15 Datasheet HTML 1Page - Analog Devices AD8107_15 Datasheet HTML 2Page - Analog Devices AD8107_15 Datasheet HTML 3Page - Analog Devices AD8107_15 Datasheet HTML 4Page - Analog Devices AD8107_15 Datasheet HTML 5Page - Analog Devices AD8107_15 Datasheet HTML 6Page - Analog Devices AD8107_15 Datasheet HTML 7Page - Analog Devices AD8107_15 Datasheet HTML 8Page - Analog Devices AD8107_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
260 MHz, 16 × 5 Buffered
Video Crosspoint Switches
AD8106/AD8107
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
16 × 5 high speed, nonblocking switch arrays
AD8106: G = 1, AD8107: G = 2
Pin compatible with AD8110/AD8111, 16 × 8 switch arrays
For a 16 × 16 array, see AD8114/AD8115
For a 16 x 8 array, see AD8110/AD8111
Complete solution
Buffered inputs
Five output amplifiers
Drives 150 Ω loads
Excellent video performance
60 MHz 0.1 dB gain flatness
0.02% differential gain error (RL = 150 Ω)
0.028 differential phase error (RL = 150 Ω)
Excellent ac performance
−3 dB bandwidth > 260 MHz
500 V/
μs slew rate
Low power of 50 mA
Low all-hostile crosstalk of −78 dB @ 5 MHz
Output disable allows connection of multiple device outputs
Reset pin allows disabling of all outputs
Excellent ESD rating: Exceeds 4000 V human body model
80-lead LQFP (12 mm × 12 mm)
APPLICATIONS
Routing of high speed signals including:
Composite video (NTSC, PAL, S, SECAM)
Component video (YUV, RGB)
Compressed video (MPEG, Wavelet)
3-level digital video (HDB3)
FUNCTIONAL BLOCK DIAGRAM
AD8106/AD8107
OUTPUT
BUFFER
G = 1,
G = 2
25
25
80
25-BIT REGISTER
(RANK 1)
PARALLEL LATCH
(RANK 2)
DECODE
5 × 5:16 DECODERS
5
CLK
UPDATE
CE
RESET
16 INPUTS
A0
5 OUTPUTS
SET INDIVIDUAL
OR RESET ALL
OUTPUTS
TO OFF
A1
A2
D0 D1 D2 D3 D4
SWITCH
MATRIX
Figure 1.
GENERAL DESCRIPTION
The AD8106 and AD8107 are high speed, 16 × 5 video crosspoint
switch matrices. They offer a −3 dB signal bandwidth greater
than 260 MHz, and channel switch times of less than 25 ns
with 1% settling. With −78 dB of crosstalk and 97 dB isolation
(@ 5 MHz), the AD8106/AD8107 are useful in many high speed
applications. The differential gain and differential phase of
greater than 0.02% and 0.02° respectively, along with 0.1 dB
flatness out to 60 MHz, make the AD8106/AD8107 ideal for
video signal switching.
The AD8106 and AD8107 include five independent output
buffers that can be placed into a high impedance state for parallel-
ing crosspoint outputs, preventing off channels from loading the
output bus. The AD8106 has a gain of 1, while the AD8107
offers a gain of 2. Both operate on voltage supplies of ±5 V while
consuming only 30 mA of idle current. The channel switching is
performed via a parallel control, allowing updating of an
individual output without reprogramming the entire array.
The AD8106/AD8107 are offered in an 80-lead LQFP and are
available over the extended industrial temperature range of
−40°C to +85°C.


Numéro de pièce similaire - AD8107_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8107-EB AD-AD8107-EB Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8107ASTZ AD-AD8107ASTZ Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8107ASTZ AD-AD8107ASTZ Datasheet
416Kb / 22P
   Video Crosspoint Switches
More results

Description similaire - AD8107_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
logo
Analog Devices
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com