Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8105 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8105
Description  Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8105 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8105_15 Datasheet HTML 3Page - Analog Devices AD8105_15 Datasheet HTML 4Page - Analog Devices AD8105_15 Datasheet HTML 5Page - Analog Devices AD8105_15 Datasheet HTML 6Page - Analog Devices AD8105_15 Datasheet HTML 7Page - Analog Devices AD8105_15 Datasheet HTML 8Page - Analog Devices AD8105_15 Datasheet HTML 9Page - Analog Devices AD8105_15 Datasheet HTML 10Page - Analog Devices AD8105_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD8104/AD8105
Rev. 0 | Page 7 of 36
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Analog Supply Voltage
(VPOS – VNEG)
6 V
Digital Supply Voltage
(VDD – DGND)
6 V
Ground Potential Difference
(VNEG – DGND)
+0.5 V to −2.5 V
Maximum Potential Difference
(VDD – VNEG)
8 V
Common-Mode Analog Input
Voltage
VNEG to VPOS
Differential Analog Input Voltage
±2 V
Digital Input Voltage
VDD
Output Voltage
(Disabled Analog Output)
(VPOS − 1 V) to (VNEG + 1 V)
Output Short-Circuit Duration
Momentary
Output Short-Circuit Current
80 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θ
JA
is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
θJB
ψJT
ψJB
Unit
304-Ball BGA
14
1
6.5
0.6
5.7
°C/W
POWER DISSIPATION
The AD8104/AD8105 are operated with ±2.5 V or +5 V
supplies and can drive loads down to 100 Ω, resulting in a large
range of possible power dissipations. For this reason, extra care
must be taken derating the operating conditions based on
ambient temperature.
Packaged in a 304-ball BGA, the AD8104/AD8105 junction-to-
ambient thermal impedance (θJA) is 14°C/W. For long-term
reliability, the maximum allowed junction temperature of the
die should not exceed 150°C. Temporarily exceeding this limit
may cause a shift in parametric performance due to a change in
stresses exerted on the die by the package. Exceeding a junction
temperature of 175°C for an extended period can result in
device failure. The following curve shows the range of allowed
internal die power dissipations that meet these conditions over
the −40°C to +85°C ambient temperature range. When using
Table 6, do not include external load power in the maximum
power calculation, but do include load current dropped on the
die output transistors.
8
4
15
85
AMBIENT TEMPERATURE (°C)
TJ = 150°C
7
6
5
25
35
45
55
65
75
Figure 4. Maximum Die Power Dissipation vs. Ambient Temperature
ESD CAUTION


Numéro de pièce similaire - AD8105_15

FabricantNo de pièceFiches techniqueDescription
logo
celduc-relais
AD81050100 CELDUC-AD81050100 Datasheet
94Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
More results

Description similaire - AD8105_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8118 AD-AD8118_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Fairchild Semiconductor
FSA2866 FAIRCHILD-FSA2866 Datasheet
617Kb / 3P
   Dual-Host / Dual-SIM Card Crosspoint Analog Switch
logo
ON Semiconductor
FSA2866 ONSEMI-FSA2866 Datasheet
709Kb / 11P
   Dual-Host / Dual-SIM Card Crosspoint Analog Switch
May 2011 Rev. 1.0.0
logo
Analog Devices
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
logo
National Semiconductor ...
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com