Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8019 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8019
Description  DSL Line Driver with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8019 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8019_15 Datasheet HTML 4Page - Analog Devices AD8019_15 Datasheet HTML 5Page - Analog Devices AD8019_15 Datasheet HTML 6Page - Analog Devices AD8019_15 Datasheet HTML 7Page - Analog Devices AD8019_15 Datasheet HTML 8Page - Analog Devices AD8019_15 Datasheet HTML 9Page - Analog Devices AD8019_15 Datasheet HTML 10Page - Analog Devices AD8019_15 Datasheet HTML 11Page - Analog Devices AD8019_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD8019
–8–
1000
FREQUENCY – MHz
–90
1
100
10
–80
–70
–60
–50
–40
–30
0.1
0.01
–20
–10
–PSRR
+PSRR
TPC 19. PSRR vs. Frequency; RL = 100
1000
FREQUENCY – kHz
1
100
10
0.1
0.01
–INOISE
VNOISE
+INOISE
1
10
100
0.1
100
10
1
0.1
TPC 20. Noise vs. Frequency
20ns/DIV
VIN
VOUT
1.1k
1.1k
VIN
VOUT
50
50
50
6.8pF
TPC 21. Settling Time 0.1%; VS =
±12 V, RL = 100 Ω,
VOUT = 2 V p-p
1000
FREQUENCY – MHz
–90
1
100
10
–80
–70
–60
–50
–40
–30
0.1
0.01
–20
–100
TPC 22. Crosstalk vs. Frequency, VS =
±12 V, VS = ±6 V;
G = +2; VIN = 10 dBm
FREQUENCY – MHz
–20
0.001
0
0.01
1000
0.1
1
10
100
–10
10
20
30
40
50
60
70
80
90
100
110
120
2k
50
10
500
10
50
50
50
50
AOL
PHASE
–45
0
45
90
135
180
225
270
TPC 23. Open-Loop Gain and Phase vs. Frequency
VIN
20ns/DIV
1.1k
1.1k
VIN
VOUT
50
50
50
6.8pF
VOUT
TPC 24. Settling Time 0.1%; VS =
±6 V, RL = 100 Ω,
VOUT = 2 V p-p


Numéro de pièce similaire - AD8019_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8019AR AD-AD8019AR Datasheet
782Kb / 20P
   DSL Line Driver with Power-Down
REV. 0
AD8019AR-EVAL AD-AD8019AR-EVAL Datasheet
782Kb / 20P
   DSL Line Driver with Power-Down
REV. 0
AD8019AR-REEL AD-AD8019AR-REEL Datasheet
782Kb / 20P
   DSL Line Driver with Power-Down
REV. 0
AD8019ARU AD-AD8019ARU Datasheet
782Kb / 20P
   DSL Line Driver with Power-Down
REV. 0
AD8019ARU-EVAL AD-AD8019ARU-EVAL Datasheet
782Kb / 20P
   DSL Line Driver with Power-Down
REV. 0
More results

Description similaire - AD8019_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8019 AD-AD8019 Datasheet
782Kb / 20P
   DSL Line Driver with Power-Down
REV. 0
logo
Texas Instruments
THS6301 TI1-THS6301 Datasheet
261Kb / 19P
[Old version datasheet]   G.Fast DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
   Differential DSL Line Driver
logo
Renesas Technology Corp
EL1508 RENESAS-EL1508 Datasheet
864Kb / 18P
   Differential DSL Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
   Differential DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508 Datasheet
45Kb / 2P
   Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com