Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8012 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8012
Description  Dual 350 MHz Low Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8012 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8012_15 Datasheet HTML 6Page - Analog Devices AD8012_15 Datasheet HTML 7Page - Analog Devices AD8012_15 Datasheet HTML 8Page - Analog Devices AD8012_15 Datasheet HTML 9Page - Analog Devices AD8012_15 Datasheet HTML 10Page - Analog Devices AD8012_15 Datasheet HTML 11Page - Analog Devices AD8012_15 Datasheet HTML 12Page - Analog Devices AD8012_15 Datasheet HTML 13Page - Analog Devices AD8012_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
REV. B
AD8012
–9–
FREQUENCY – MHz
–20
–80
100
500
–30
–60
VIN = 0.2V p-p
VS = 5V, +5V
–40
–50
–70
–90
–10
0
1
0.03
0.1
10
–100
TPC 19. CMRR vs. Frequency; VS =
±5 V, +5 V
FREQUENCY – MHz
3
–3
100
500
2
–1
VO = 0.3V p-p
RF = 750
RL = 100
VS = +5V
1
0
–2
–4
4
5
G = +10
G = +2
G = +1
–5
10
1
TPC 20. Frequency Response; VS = +5 V
FREQUENCY
MHz
–3
–21
100
500
–6
–15
G = +2
RF = 750
RL = 100
VS = +5V
–9
–12
–18
–24
0
3
–27
10
1
1VRMS
TPC 21. Output Voltage vs. Frequency; VS = +5 V,
G = +2, RL = 100
0
–10
–20
–30
–40
–60
–70
–80
100k
1M
10M
100M
500M
FREQUENCY – Hz
–50
–90
–100
VS = +5V OR 5V
G = +2
RF = 750
–PSRR
+PSRR
TPC 22. PSRR vs. Frequency; VS =
±5 V, +5 V
FREQUENCY – MHz
100
0.1
100
500
1
10
1k
0.01
1
0.03
0.1
10
VS = 5V
VS = +5V
G = +2
RF = 750
TPC 23. Output Resistance vs. Frequency
135
115
95
75
55
15
–5
FREQUENCY
Hz
35
0
–40
–80
–120
–160
–200
–240
–280
TZ(s)
PHASE
1k
10k
100k
1M
10M
100M
1G
TPC 24. Open-Loop Transimpedance and
Phase vs. Frequency


Numéro de pièce similaire - AD8012_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8012AR AD-AD8012AR Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012AR AD-AD8012AR Datasheet
261Kb / 16P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012AR AD-AD8012AR Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012AR-REEL AD-AD8012AR-REEL Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012AR-REEL AD-AD8012AR-REEL Datasheet
261Kb / 16P
   Dual 350 MHz Low Power Amplifier
REV. B
More results

Description similaire - AD8012_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com