Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1001-K Datasheet(Fiches technique) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numéro de pièce 2SD1001-K
Description  NPN Transistors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1001-K Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1001-K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1001-K Datenblatt HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1001-K Datenblatt HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1001
Features
High collector saturation voltage.
VCE(sat) > 80V
Complimentary to 2SB800
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
80
Collector - Emitter Voltage
VCEO
80
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
300
Collector Current - Pulse
(Note.1)
ICP
500
Collector Power Dissipation
PC
2
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
mA
Note.1: Pw ≤ 100ms,duty cycle ≤ 50℅
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
80
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, RBE= ∞
80
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 80 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
(Note.1)
VCE(sat) IC=300 mA, IB=30mA
0.15
0.6
Base - emitter saturation voltage
(Note.1)
VBE(sat) IC=300 mA, IB=30mA
0.86
1.2
Base - emitter voltage
(Note.1)
VBE
VCE= 6V, IC= 10mA
600
645
700
mV
VCE= 1V, IC= 50mA
90
200
400
VCE= 2V, IC= 300mA
30
80
Collector output capacitance
Cob
VCB= 6V, IE=0,f=1MHz
7
pF
Transition frequency
fT
VCE= 6V, IE= -10mA
140
MHz
DC current gain
(Note.1)
hFE
V
uA
V
Note.1: Pulse test : Pulse width ≤350μs,Duty Cycle≤2%.
Classification of hfe(1)
Type
2SD1001- M
2SD1001- L
2SD1001- K
Range
90-180
135-270
200-400
Marking
EM
EL
EK


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn