Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1000-L Datasheet(Fiches technique) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numéro de pièce 2SD1000-L
Description  NPN Transistors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1000-L Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1000-L Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1000-L Datenblatt HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1000-L Datenblatt HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1000
Features
Low collector saturation voltage.
VCE(sat) < 0.4V (IC=500mA,IB=50mA)
Complimentary to 2SB799
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
50
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
700
mA
Collector Current - Pulse
(Note.1)
ICP
1
A
Collector Power Dissipation
PC
2
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Note.1: Pw ≤ 100ms,duty cycle ≤ 50℅
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, RBE= ∞
50
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 60 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
(Note.1)
VCE(sat) IC=500 mA, IB=50mA
0.12
0.4
Base - emitter saturation voltage
(Note.1)
VBE(sat) IC=500 mA, IB=50mA
0.9
1.2
Base - emitter voltage
(Note.1)
VBE
VCE= 6V, IC= 10mA
600
635
700
mV
VCE= 1V, IC= 100mA
90
200
400
VCE= 1V, IC= 500mA
50
150
Collector output capacitance
Cob
VCB= 6V, IE=0,f=1MHz
13
pF
Transition frequency
fT
VCE= 6V, IE= -10mA
110
MHz
DC current gain
(Note.1)
hFE
V
uA
V
Note.1: Pulse test : Pulse width ≤350μs,Duty Cycle≤2%.
Classification of hfe(1)
Type
2SD1000- M
2SD1000- L
2SD1000- K
Range
90-180
135-270
200-400
Marking
LM
LL
LK


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn