Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7923 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7923
Description  4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7923 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7923_15 Datasheet HTML 3Page - Analog Devices AD7923_15 Datasheet HTML 4Page - Analog Devices AD7923_15 Datasheet HTML 5Page - Analog Devices AD7923_15 Datasheet HTML 6Page - Analog Devices AD7923_15 Datasheet HTML 7Page - Analog Devices AD7923_15 Datasheet HTML 8Page - Analog Devices AD7923_15 Datasheet HTML 9Page - Analog Devices AD7923_15 Datasheet HTML 10Page - Analog Devices AD7923_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD7923
Rev. D | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DIN
CS
AGND
REFIN
AVDD
AVDD
SCLK
VDRIVE
DOUT
AGND
VIN2
AGND
VIN3
VIN1
VIN0
AGND
AD7923
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Function
1
SCLK
Serial Clock. Logic Input. SCLK provides the serial clock for accessing data for the part. This clock input is also used
as the clock source for the AD7923 conversion process.
2
DIN
Data In. Logic Input. Data to be written to the control register is provided on this input and is clocked into the
register on the falling edge of SCLK (see the Control Register Descriptions section).
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7923
and framing the serial data transfer.
4, 8,
13, 16
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7923. All analog input signals and any
external reference signal should be referred to this AGND voltage. All AGND pins should be connected together.
5, 6
AVDD
Analog Power Supply Input. The AVDD range for the AD7923 is from 2.7 V to 5.25 V. For the 0 V to 2 × REFIN range,
AVDD should be from 4.75 V to 5.25 V.
7
REFIN
Reference Input for the AD7923. An external reference must be applied to this input. The voltage range for the
external reference is 2.5 V ± 1% for specified performance.
12 to 9
VIN0 to VIN3
Analog Input 0 through Analog Input 3. Four single-ended analog input channels that are multiplexed into the on-
chip track-and-hold. The analog input channel to be converted is selected by using the Address Bits ADD1 and
ADD0 of the control register. The address bits in conjunction with the SEQ1 and SEQ0 bits allow the sequencer to
be programmed. The input range for all input channels can extend from 0 V to REFIN or from 0 V to 2 × REFIN as
selected via the range bit in the control register. Any unused input channels must be connected to AGND to avoid
noise pickup.
14
DOUT
Data Out. Logic Output. The conversion result from the AD7923 is provided on this output pin as a serial data
stream. The AD7923 serial data stream consists of two leading 0s, and two address bits indicating which channel
the conversion result corresponds to, followed by 12 bits of conversion data, MSB first. The output coding can be
selected as straight binary or twos complement via the coding bit in the control register. The data bits are clocked
out of the AD7923 on the SCLK falling edge.
15
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at which voltage the serial interface
operates.


Numéro de pièce similaire - AD7923_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
More results

Description similaire - AD7923_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com