Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4510BMS Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce CD4510BMS
Description  CMOS Presettable Up/Down Counters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4510BMS Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button CD4510BMS Datasheet HTML 3Page - Intersil Corporation CD4510BMS Datasheet HTML 4Page - Intersil Corporation CD4510BMS Datasheet HTML 5Page - Intersil Corporation CD4510BMS Datasheet HTML 6Page - Intersil Corporation CD4510BMS Datasheet HTML 7Page - Intersil Corporation CD4510BMS Datasheet HTML 8Page - Intersil Corporation CD4510BMS Datasheet HTML 9Page - Intersil Corporation CD4510BMS Datasheet HTML 10Page - Intersil Corporation CD4510BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 9. TYPICAL MAXIMUM CLOCK INPUT FREQUENCY vs
SUPPLY VOLTAGE
FIGURE 10. TYPICAL DYNAMIC POWER DISSIPATION vs
FREQUENCY
Typical Performance Characteristics (Continued)
0
5
SUPPLY VOLTAGE (VDD)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50pF
10
15
510
15
20
10V
5V
10V
8
6
4
2
8
6
4
2
104
103
10
SUPPLY VOLTS (VDD) = 15V
AMBIENT TEMPERATURE (TA)
tr, tf = 20ns
= +25oC
8
6
4
2
102
8
6
4
2
INPUT FREQUENCY (fCL) (kHz)
01
1
8
6
4
2
10
8
6
4
2
102
8
6
4
2
103
8
6
4
2
104
CL = 15pF
CL = 50pF
Test Circuit and Waveform
FIGURE 11. POWER DISSIPATION TEST CIRCUIT AND INPUT WAVEFORM
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CL
CL
CL
CL
CL
100
µF
ID
500
µF
PULSE
GENERATOR
50%
10%
90%
20ns
VDD
20ns
VARIABLE
WIDTH
VSS
Acquisition System
FIGURE 12. TYPICAL 16 CHANNEL, 10 BIT DATA ACQUISITION SYSTEM
16 CHANNEL
MULTIPLEXER
CD4067
SELECT
INPUTS
SAMPLE
AND
HOLD
10 BIT
A/D
CONVERTER
CONVERSION
LOGIC
Q1
Q4
CD4516BMS
AMPLI-
FIER
CLOCK
PRESET ENABLE
END
CLOCK
START
ANALOG
DATA
INPUTS
PARALLEL
DATA
OUTPUTS
PRESET
INPUTS
NOTE:
This acquisition system can be operated in the random access mode by
jamming in the channel number at the present inputs, or in the sequential
mode by clocking the CD4516BMS.
CD4510BMS, CD4516BMS


Numéro de pièce similaire - CD4510BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS
CD4510B TI1-CD4510B Datasheet
1Mb / 16P
[Old version datasheet]   Cmos Presettable Up/Down Counters
CD4510B-MIL TI1-CD4510B-MIL Datasheet
1Mb / 16P
[Old version datasheet]   Cmos Presettable Up/Down Counters
CD4510BE TI-CD4510BE Datasheet
295Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS
CD4510BE TI1-CD4510BE Datasheet
1Mb / 16P
[Old version datasheet]   Cmos Presettable Up/Down Counters
More results

Description similaire - CD4510BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
CD4510B TI-CD4510B Datasheet
295Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
[Old version datasheet]   Cmos Presettable Up/Down Counters
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
   CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
   CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com