Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4066BMS Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce CD4066BMS
Description  CMOS 4-Bit Magnitude Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4066BMS Fiches technique(HTML) 1 Page - Intersil Corporation

  CD4066BMS Datasheet HTML 1Page - Intersil Corporation CD4066BMS Datasheet HTML 2Page - Intersil Corporation CD4066BMS Datasheet HTML 3Page - Intersil Corporation CD4066BMS Datasheet HTML 4Page - Intersil Corporation CD4066BMS Datasheet HTML 5Page - Intersil Corporation CD4066BMS Datasheet HTML 6Page - Intersil Corporation CD4066BMS Datasheet HTML 7Page - Intersil Corporation CD4066BMS Datasheet HTML 8Page - Intersil Corporation CD4066BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-966
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4066BMS
CMOS Quad Bilateral Switch
Description
CD4066BMS is a quad bilateral switch intended for the
transmission or multiplexing of analog or digital signals. It is
pin for pin compatible with CD4016B, but exhibits a much
lower on state resistance. In addition, the on-state resistance
is relatively constant over the full input signal range.
The CD4066BMS consists of four independent bilateral
switches. A single control signal is required per switch. Both
the p and the n device in a given switch are biased on or off
simultaneously by the control signal. As shown in Figure 1,
the well of the n channel device on each switch is either tied
to the input when the switch is on or to VSS when the switch
is off. This configuration eliminates the variation of the switch
transistor threshold voltage with input signal, and thus keeps
the on-state resistance low over the full operating signal
range.
The advantages over single channel switches include peak
input signal voltage swings equal to the full supply voltage,
and more constant on-state impedance over the input signal
range. For sample and hold applications, however, the
CD4016B is recommended.
The CD4066BMS is supplied in these 14-lead outline pack-
ages:
Pinout
CD4066BMS
TOP VIEW
Braze Seal DIP
H4Q
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
IN/OUT A
OUT/IN A
OUT/IN B
IN/OUT B
CONT B
CONT C
VSS
VDD
CONT A
CONT D
IN/OUT D
OUT/IN D
OUT/IN C
IN/OUT C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Features
• For Transmission or Multiplexing of Analog or Digital
Signals
• High Voltage Types (20V Rating)
• 15V Digital or
±7.5V Peak-to-Peak Switching
• 125
Ω Typical On-State Resistance for 15V Operation
• Switch On-State Resistance Matched to Within 5
Over 15V Signal Input Range
• On-State Resistance Flat Over Full Peak-to-Peak Sig-
nal Range
• High On/Off Output Voltage Ratio
- 80dB Typ. at FIS = 10kHz, RL = 1k
• High Degree of Linearity: <0.5% Distortion Typ. at
FIS = 1kHz, VIS = 5Vp-p, VDD - VSS
≥ 10V, RL = 10kΩ
• Extremely Low Off-State Switch Leakage Resulting in
Very Low Offset Current and High Effective Off-State
Resistance: 10pA Typ. at VDD - VSS = 10V, TA = +25
oC
• Extremely High Control Input Impedance (Control Cir-
cuit Isolated from Signal Circuit): 1012
Ω Typ.
• Low Crosstalk Between Switches: -50dB Typ. at FIS =
8MHz, RL = 1k
• Matched
Control
Input
to
Signal
Output
Capacitance: Reduces Output Signal Transients
• Frequency Response, Switch on = 40MHz (Typ.)
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
“B” Series CMOS Devices”
Applications
• Analog Signal Switching/Multiplexing
- Signal Gating
- Modulator
- Squelch Control
- Demodulator
- Chopper
- Commutating Switch
• Digital Signal Switching/Multiplexing
• Transmission Gate Logic Implementation
• Analog to Digital & Digital to Analog Conversion
• Digital Control of Frequency, Impedance, Phase, and
Analog Signal Gain
December 1992
File Number
3319


Numéro de pièce similaire - CD4066BMS

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4066BM NSC-CD4066BM Datasheet
169Kb / 8P
   Quad Bilateral Switch
logo
Texas Instruments
CD4066BM TI-CD4066BM Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI-CD4066BM Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI-CD4066BM Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI1-CD4066BM Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Description similaire - CD4066BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI-CD4585B Datasheet
221Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
   CMOS 4-Bit Magnitude Comparator
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com