Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4048BMS Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce CD4048BMS
Description  CMOS Multifunction Expandable 8 Input Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4048BMS Fiches technique(HTML) 5 Page - Intersil Corporation

  CD4048BMS Datasheet HTML 1Page - Intersil Corporation CD4048BMS Datasheet HTML 2Page - Intersil Corporation CD4048BMS Datasheet HTML 3Page - Intersil Corporation CD4048BMS Datasheet HTML 4Page - Intersil Corporation CD4048BMS Datasheet HTML 5Page - Intersil Corporation CD4048BMS Datasheet HTML 6Page - Intersil Corporation CD4048BMS Datasheet HTML 7Page - Intersil Corporation CD4048BMS Datasheet HTML 8Page - Intersil Corporation CD4048BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
7-916
Specifications CD4048BMS
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - SSI
IDD
±0.1µA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Pre Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A, RONDEL10
Interim Test 1 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A, RONDEL10
Interim Test 2 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A, RONDEL10
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Interim Test 3 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A, RONDEL10
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
Note 1
1
2 - 15
16
Static Burn-In 2
Note 1
1
8
2 - 7, 9 - 16
Dynamic Burn-
In Note 1
-
8, 15
2, 16
1
9 - 14
3 - 7
Irradiation
Note 2
1
8
2 - 7, 9 - 16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V


Numéro de pièce similaire - CD4048BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4048BM TI-CD4048BM Datasheet
554Kb / 12P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM TI1-CD4048BM Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM96 TI-CD4048BM96 Datasheet
554Kb / 12P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM96 TI1-CD4048BM96 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BM96G4 TI1-CD4048BM96G4 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
More results

Description similaire - CD4048BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4048B TI1-CD4048B_15 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048B TI-CD4048B Datasheet
554Kb / 12P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
logo
STMicroelectronics
HCC4048B STMICROELECTRONICS-HCC4048B Datasheet
280Kb / 12P
   MULTIFUNCTION EmULTIFUNCTION EXPANDABLE 8-INPUT GATE
logo
Micro Electronics
MMC4048 MICRO-ELECTRONICS-MMC4048 Datasheet
142Kb / 4P
   MULTIFUNCTION EXPANDALE 8-INPUT GATE
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
[Old version datasheet]   CMOS 8-input NOR/OR Gate
CD4068B TI-CD4068B Datasheet
182Kb / 10P
[Old version datasheet]   CMOS 8-INPUT NAND AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com