Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4046BMS Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce CD4046BMS
Description  CMOS Micropower Phase Locked Loop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4046BMS Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button CD4046BMS Datasheet HTML 3Page - Intersil Corporation CD4046BMS Datasheet HTML 4Page - Intersil Corporation CD4046BMS Datasheet HTML 5Page - Intersil Corporation CD4046BMS Datasheet HTML 6Page - Intersil Corporation CD4046BMS Datasheet HTML 7Page - Intersil Corporation CD4046BMS Datasheet HTML 8Page - Intersil Corporation CD4046BMS Datasheet HTML 9Page - Intersil Corporation CD4046BMS Datasheet HTML 10Page - Intersil Corporation CD4046BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
7-895
CD4046BMS
FIGURE 10. TYPICAL VCO POWER DISSIPATION AT fMIN AS A
FUNCTION OF R2
FIGURE 11. TYPICAL SOURCE FOLLOWER POWER
DISSIPATION AS A FUNCTION OF RS
FIGURE 12. AC-COUPLED SIGNAL INPUT VOLTAGE AS A
FUNCTION OF SIGNAL INPUT FREQUENCY
FIGURE 13. TYPICAL VCO LINEARITY AS A FUNCTION OF R1
AND C1 AT VDD = 10V
FIGURE 14. TYPICAL VCO LINEARITY AS A FUNCTION
OF R1 AND C1 AT VDD = 15V
Typical Performance Characteristics (Continued)
10V
8
6
4
2
R2 (k
Ω)
10
102
103
104
103
102
10
8
6
4
28
6
4
2
104
105
SUPPLY VOLTAGE (VDD) = 15V
1
µF
50pF
1
µF
CL = 50pF
1
µF
50pF
5V
AMBIENT TEMPERATURE (TA) = +25
oC
VCOIN = VSS
CL = 50pF
10V
8
6
4
2
Rs (k
Ω)
10
102
103
104
102
101
1
8
6
4
28
6
4
2
103
104
SUPPLY VOLTAGE (VDD) = 15V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
VCOIN = VDD/2, R1 = R2 =
13
VOUT
VDD
VSS
2k
2k
20k
OUTPUT CIRCUIT
AMBIENT TEMPERATURE (TA) = +25
oC
PHASE COMPARATOR II
SUPPLY VOLTAGE
(VDD) = 15V
10V
5V
8
6
4
2
SIGNAL INPUT FREQUENCY (fIN) (kHz)
110
102
103
103
102
10
8
6
4
28
6
4
2
104
104
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
R1 (k
Ω)
10-1
AMBIENT TEMPERATURE (TA) = +25
oC
VDD = 10V, VCOIN = 5V
± 1V, R2 = ∞
110
102
103
10
1
10-1
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
28
6
4
28
6
4
2
0.01
µF
1000pF
CL = 50pF
100pF
0.1
µF
f0 =
f(4V) + f(6V)
2
1
% LINEARITY =
f0 - f(5V)
f0
x 100
8
6
4
2
R1 (k
Ω)
10-1
AMBIENT TEMPERATURE (TA) = +25
oC
VDD = 10V, VCOIN = 5V
± 1V, R2 = ∞
110
102
103
10
1
10-1
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
28
6
4
28
6
4
2
0.01
µF
1000pF
CL = 50pF
100pF
0.1
µF
f0 =
f(6V) + f(9V)
2
% LINEARITY =
f0 - f(7.5V)
f0
x 100
0.1
µF


Numéro de pièce similaire - CD4046BMS

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4046BM NSC-CD4046BM Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
More results

Description similaire - CD4046BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
   MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
   MICROPOWER PHASE-LOCKED LOOP
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
   Micropower Phase-Locked Loop
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
logo
NTE Electronics
NTE980 NTE-NTE980 Datasheet
42Kb / 5P
   Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com