Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7849CRZ Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7849CRZ
Description  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7849CRZ Fiches technique(HTML) 5 Page - Analog Devices

  AD7849CRZ Datasheet HTML 1Page - Analog Devices AD7849CRZ Datasheet HTML 2Page - Analog Devices AD7849CRZ Datasheet HTML 3Page - Analog Devices AD7849CRZ Datasheet HTML 4Page - Analog Devices AD7849CRZ Datasheet HTML 5Page - Analog Devices AD7849CRZ Datasheet HTML 6Page - Analog Devices AD7849CRZ Datasheet HTML 7Page - Analog Devices AD7849CRZ Datasheet HTML 8Page - Analog Devices AD7849CRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7849
Rev. C | Page 5 of 20
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for design guidance and are no subject to test. VREF+ = 5 V; VDD = 14.25 V to 15.75 V; VSS = −14.25 V to
−15.75 V; VCC = 4.75 V to 5.25 V; ROFS connected to 0 V.
Table 3.
Parameter
A, B, C Versions
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Settling Time1
7
μs typ
To 0.006% FSR. VOUT loaded. VREF− = 0 V.
10
μs typ
To 0.003% FSR. VOUT loaded. VREF− = −5 V.
Slew Rate
4
V/μs typ
Digital-to-Analog Glitch Impulse
250
nV-sec typ
DAC alternatively loaded with 00 … 00 and
111 … 11. VOUT loaded. LDAC permanently low.
BIN/COMP set to 1. VREF− = −5 V.
150
nV-sec typ
LDAC frequency = 100 kHz.
AC Feedthrough
1
mV p-p typ
VREF− = 0 V, VREF+ = 1 V rms, 10 kHz sine wave.
DAC loaded with all 0s. BIN/COMP set to 0.
Digital Feedthrough
5
nV-sec typ
DAC alternatively loaded with all 1s and 0s.
SYNC high.
Output Noise Voltage Density, 1 kHz to 100 kHz
80
nV/√Hz typ
Measured at VOUT. VREF+ = VREF− = 0 V.
BIN/COMP set to 0.
1
LDAC = 0. Settling time does not include deglitching time of 5 μs (typical).
TIMING CHARACTERISTICS
VDD = 14.25 V to 15.75 V; VSS = −14.25 V to −15.75 V; VCC = 4.75 V to 5.25 V; RL = 2 kΩ, CL = 200 pF. All specifications TMIN to TMAX,
unless otherwise noted. Guaranteed by characterization. All input signals are specified tr = tf = 5 ns (10% to 90% of 5 V and timed from a
voltage level of 1.6 V.
Table 4.
Parameter
Limit at 25°C (All Versions)
Limit at TMIN, TMAX (All Versions)
Unit
Test Conditions/Comments
t11
200
200
ns min
SCLK cycle time
t2
50
50
ns min
SYNC-to-SCLK setup time
t3
70
70
ns min
SYNC-to-SCLK hold time
t4
10
10
ns min
Data setup time
t5
40
40
ns min
Data hold time
t62
80
80
ns max
SCLK falling edge to SDO valid
t7
80
80
ns min
LDAC, CLR pulse width
tr
30
30
μs max
Digital input rise time
tf
30
30
μs max
Digital input fall time
1 SCLK mark/space ratio range is 40/60 to 60/40.
2 SDO load capacitance is 50 pF.


Numéro de pièce similaire - AD7849CRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7849CRZ AD-AD7849CRZ Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849CRZ-REEL AD-AD7849CRZ-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

Description similaire - AD7849CRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com