Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7834 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7834
Description  LC MOS Quad 14-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7834 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7834_15 Datasheet HTML 6Page - Analog Devices AD7834_15 Datasheet HTML 7Page - Analog Devices AD7834_15 Datasheet HTML 8Page - Analog Devices AD7834_15 Datasheet HTML 9Page - Analog Devices AD7834_15 Datasheet HTML 10Page - Analog Devices AD7834_15 Datasheet HTML 11Page - Analog Devices AD7834_15 Datasheet HTML 12Page - Analog Devices AD7834_15 Datasheet HTML 13Page - Analog Devices AD7834_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7834/AD7835
Rev. D | Page 10 of 28
Pin No.
MQFP
Pin No. PLCC
Pin Mnemonic
Description
16 to 29
22 to 35
DB0 to DB13
Parallel Data Inputs. The AD7835 can accept a straight 14-bit parallel word on DB0 to
DB13, where DB13 is the MSB and the BYSHF input is hardwired to a logic high.
Alternatively for byte loading, the bottom eight data inputs, DB0 to DB7, are used for
data loading, and the top six data inputs, DB8 to DB13, should be hardwired to a logic
low. The BYSHF control input selects whether 8 LSBs or 6 MSBs of data are being loaded
into the device.
32
38
DSGB
Device Sense Ground B Input. Used in conjunction with the CLR input for power-on
protection of the DACs. When CLR is low, DAC outputs VOUT3 and VOUT4 are forced to the
potential on the DSGB pin.
36, 35
42, 41
VREF(+)B, VREF(−)B
Reference Inputs for DACs 3 and 4. These reference voltages are referred to AGND.
38
44
AGND
Analog Ground.
39
1
VDD
Positive Analog Power Supply: 15 V ± 5% or 12 V ± 5%.
40
2
VSS
Negative Analog Power Supply: −15 V ± 5% or −12 V ± 5%.
42, 43
4, 5
VREF(+)A, VREF(−)A
Reference Inputs for DAC 1 and DAC 2. These reference voltages are referred to AGND.


Numéro de pièce similaire - AD7834_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7834AN AD-AD7834AN Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834AR AD-AD7834AR Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834BN AD-AD7834BN Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834BR AD-AD7834BR Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834SQ AD-AD7834SQ Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results

Description similaire - AD7834_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7836 AD-AD7836_15 Datasheet
176Kb / 12P
   LC MOS Quad 14-Bit DAC
REV. A
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244 AD-AD7244_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7534 AD-AD7534_15 Datasheet
492Kb / 12P
   LC MOS P Compatibe 14 Bit DAC
REV. A
AD7535 AD-AD7535_15 Datasheet
489Kb / 12P
   LC MOS P Compatible 14 Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com