Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD40193 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce CD40193
Description  CMOS Presettable Up/Down Counters (Dual Clock With Reset)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40193 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button CD40193 Datasheet HTML 4Page - Intersil Corporation CD40193 Datasheet HTML 5Page - Intersil Corporation CD40193 Datasheet HTML 6Page - Intersil Corporation CD40193 Datasheet HTML 7Page - Intersil Corporation CD40193 Datasheet HTML 8Page - Intersil Corporation CD40193 Datasheet HTML 9Page - Intersil Corporation CD40193 Datasheet HTML 10Page - Intersil Corporation CD40193 Datasheet HTML 11Page - Intersil Corporation CD40193 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
7-1427
CD40192BMS, CD40193BMS
FIGURE 3. INTERNAL LOGIC OF FLIP-FLOP
Typical Performance Characteristics
TRUTH TABLE
CLOCK UP
CLOCK DOWN
PRESET ENABLE
RESET
ACTION
1
1
0
Count Up
1
1
0
No Count
1
1
0
Count Down
1
1
0
No Count
X
X
0
0
Preset
X
X
X
1
Reset
1 = High Level
0 = Low Level
X = Don’t Care
FIGURE 4. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 5. MIMIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
S
Q
Q
CL
R
CL
R
p
n
CL
CL
CL
CL
p
n
CL
CL
S
p
n
CL
CL
p
n
CL
CL
R
Q
Q
=
S
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)


Numéro de pièce similaire - CD40193

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
CD40193 FAIRCHILD-CD40193 Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
National Semiconductor ...
CD40193 NSC-CD40193 Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
CD40193B TI-CD40193B Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40193B TI1-CD40193B Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
CD40193B-MIL TI1-CD40193B-MIL Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
More results

Description similaire - CD40193

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
   CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
logo
STMicroelectronics
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
September 2002
logo
Texas Instruments
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
logo
Intersil Corporation
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
   CMOS Presettable Up/Down Counters
December 1992
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
[Old version datasheet]   Cmos Presettable Up/Down Counters
logo
STMicroelectronics
HCC40192B STMICROELECTRONICS-HCC40192B Datasheet
314Kb / 15P
   PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com