Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD40174BMS Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce CD40174BMS
Description  CMOS Hex ‘D’-Type Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40174BMS Fiches technique(HTML) 4 Page - Intersil Corporation

  CD40174BMS Datasheet HTML 1Page - Intersil Corporation CD40174BMS Datasheet HTML 2Page - Intersil Corporation CD40174BMS Datasheet HTML 3Page - Intersil Corporation CD40174BMS Datasheet HTML 4Page - Intersil Corporation CD40174BMS Datasheet HTML 5Page - Intersil Corporation CD40174BMS Datasheet HTML 6Page - Intersil Corporation CD40174BMS Datasheet HTML 7Page - Intersil Corporation CD40174BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7-1387
Specifications CD40174BMS
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V,
VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V,
VOL < 1V
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Propagation Delay
Clock to Output
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
140
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Propagation Delay
CLEAR to Output
TPHL2
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
6
-
MHz
VDD = 15V
1, 2, 3
+25oC
8
-
MHz
Minimum Data Setup
Time
TS
VDD = 5V
1, 2, 3
+25oC
-
40
ns
VDD = 10V
1, 2, 3
+25oC
-
20
ns
VDD = 15V
1, 2, 3
+25oC
-
10
ns
Minimum Data Hold Time
TH
VDD = 5V
1, 2, 3
+25oC
-
80
ns
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
30
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
130
ns
VDD = 10V
1, 2, 3
+25oC
-
60
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Maximum Clock Rise and
Fall Time
TRCL
TFCL
VDD = 5V
1, 2, 3, 4
+25oC15
-
µs
VDD = 10V
1, 2, 3, 4
+25oC15
-
µs
VDD = 15V
1, 2, 3, 4
+25oC15
-
µs
Minimum CLEAR
Removal Time
TREM
VDD = 5V
1, 2, 3
+25oC-
0
ns
VDD = 10V
1, 2, 3
+25oC-
0
ns
VDD = 15V
1, 2, 3
+25oC-
0
ns
Minimum CLEAR Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
100
ns
VDD = 10V
1, 2, 3
+25oC
-
50
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Input Capacitance
CIN
CLEAR
1, 2
+25oC
-
40
pF
All others
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. If more than one unit is cascaded, TRCL should be made less than or equal to the sumof the transition time and the fixed propagation
delay of the output of the driving stage for the estimated capacitive load.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Numéro de pièce similaire - CD40174BMS

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
   CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
More results

Description similaire - CD40174BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
   CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
logo
Texas Instruments
CD40174B TI1-CD40174B_15 Datasheet
918Kb / 16P
[Old version datasheet]   CMOS HEX D-type Flip-Flop
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com