Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4011BMS Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce CD4011BMS
Description  CMOS NAND Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4011BMS Fiches technique(HTML) 6 Page - Intersil Corporation

  CD4011BMS Datasheet HTML 1Page - Intersil Corporation CD4011BMS Datasheet HTML 2Page - Intersil Corporation CD4011BMS Datasheet HTML 3Page - Intersil Corporation CD4011BMS Datasheet HTML 4Page - Intersil Corporation CD4011BMS Datasheet HTML 5Page - Intersil Corporation CD4011BMS Datasheet HTML 6Page - Intersil Corporation CD4011BMS Datasheet HTML 7Page - Intersil Corporation CD4011BMS Datasheet HTML 8Page - Intersil Corporation CD4011BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7-58
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Specifications CD4011BMS, CD4012BMS, CD4023BMS
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
PART NUMBER CD4011B
Static Burn-In
1 Note 1
3, 4, 10, 11
1, 2, 5 - 9, 12, 13
14
Static Burn-In
2 Note 1
3, 4, 10, 11
7
1, 2, 5, 6, 8, 9,
12 - 14
Dynamic Burn-
In Note 1
-
7
14
3, 4, 10, 11
1, 2, 5, 6, 8, 9, 12,
13
Irradiation
Note 2
3, 4, 10, 11
7
1, 2, 5, 6, 8, 9,
12 - 14
PART NUMBER CD4012B
Static Burn-In
1 Note 1
1, 6, 8, 13
2 - 5, 7, 9 - 12
14
Static Burn-In
2 Note 1
1, 6, 8, 13
7
2 - 5, 9 - 12, 14
Dynamic Burn-
In Note 1
6, 8
7
14
1, 13
2 - 5, 9 - 12
Irradiation
Note 2
1, 6, 8, 13
7
2 - 5, 9 - 12, 14
PART NUMBER CD4023B
Static Burn-In
1 Note 1
6, 9, 10
1 - 5, 7, 8, 11 - 13
14
Static Burn-In
2 Note 1
6, 9, 10
7
1 - 5, 8, 11 - 14
Dynamic Burn-
In Note 1
-
7
14
6, 9, 10
1 - 5, 8, 11 - 13
Irradiation
Note 2
6, 9, 10
7
1 - 5, 8, 11 - 14
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD
= 10V
± 0.5V
TABLE 6. APPLICABLE SUBGROUPS
(Continued)
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD


Numéro de pièce similaire - CD4011BMS

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CD4011BMS RENESAS-CD4011BMS Datasheet
369Kb / 9P
   CMOS NAND Gates
November 1994
More results

Description similaire - CD4011BMS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS NAND GATES
CD4011B TI1-CD4011B_15 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
logo
Renesas Technology Corp
CD4011BMS RENESAS-CD4011BMS Datasheet
369Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4011AD3 TI1-CD4011AD3 Datasheet
371Kb / 7P
[Old version datasheet]   CMOS NAND GATES
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
   NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
   NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
   NAND GATES
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
   NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com