Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD22M3493Q Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce CD22M3493Q
Description  12 x 8 x 1 BiMOS-E Crosspoint Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3493Q Fiches technique(HTML) 4 Page - Intersil Corporation

  CD22M3493Q Datasheet HTML 1Page - Intersil Corporation CD22M3493Q Datasheet HTML 2Page - Intersil Corporation CD22M3493Q Datasheet HTML 3Page - Intersil Corporation CD22M3493Q Datasheet HTML 4Page - Intersil Corporation CD22M3493Q Datasheet HTML 5Page - Intersil Corporation CD22M3493Q Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
67
Timing Diagram
To make a connection (close switch) between any two points, specify an ‘‘X’’ address, a ‘‘Y’’ address, set ‘‘DATA’’ high, and switch
‘‘Strobe’’ from low to high. To break a connection, follow this same procedure with ‘‘DATA’’ low.:
ADDRESS
STROBE
DATA
RESET
50%
50%
tSPW
tAS
tAH
50%
tDH
tDS
50%
50%
tRPW
50%
50%
90%
tPAF
tPZL
SWITCH
OUTPUT
90%
10%
tPAN
tPHZ
tPZH
tPSF
tPSN
TRUTH TABLE X AXIS
X ADDRESS
AX3
AX2
AX1
AX0
NOTE
X SWITCH
0000
X0
0001
X1
0010
X2
0011
X3
0100
X4
0101
X5
01104
No Connect
01114
No Connect
1000
X6
1001
X7
1010
X8
1011
X9
1100
X10
1101
X11
11104
No Connect
11114
No Connect
NOTE: 4. When X switch addresses are in these states, no change in
status will occur in switches between any X and Y points.
TRUTH TABLE Y AXIS
Y ADDRESS
AY2
AY1
AY0
Y SWITCH
000
Y0
001
Y1
010
Y2
011
Y3
100
Y4
101
Y5
110
Y6
111
Y7
DATA
X ADDRESS
Y ADDRESS
Example:
AX3
AX2
AX1
AX0
AY2
AY1
AY0
To connect switch X3 to switch Y4:
1
0
011100
To connect switch X6 to switch Y7:
1
1
000111
To break connection from X3 to Y4:
0
0011100
CD22M3493


Numéro de pièce similaire - CD22M3493Q

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3494E INTERSIL-CD22M3494E Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494E INTERSIL-CD22M3494E Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

Description similaire - CD22M3493Q

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com