Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7734 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7734
Description  4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7734 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7734_15 Datasheet HTML 4Page - Analog Devices AD7734_15 Datasheet HTML 5Page - Analog Devices AD7734_15 Datasheet HTML 6Page - Analog Devices AD7734_15 Datasheet HTML 7Page - Analog Devices AD7734_15 Datasheet HTML 8Page - Analog Devices AD7734_15 Datasheet HTML 9Page - Analog Devices AD7734_15 Datasheet HTML 10Page - Analog Devices AD7734_15 Datasheet HTML 11Page - Analog Devices AD7734_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7734
Data Sheet
Rev. A | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C, unless otherwise noted.
Parameter
Rating
AV
DD to AGND, DVDD to DGND
–0.3 V to +7 V
AGND to DGND
–0.3 V to +0.3 V
AV
DD to DVDD
–5 V to +5 V
AIN to AGND
–50 V to +50 V
BIAS to AGND
–0.3 V to AV
DD + 0.3 V
REFIN+, REFIN– to AGND
–0.3 V to AV
DD + 0.3 V
MUX0, INTBIAS to AGND
–0.3 V to AV
DD + 0.3 V
P0, P1 Voltage to AGND
–0.3 V to AV
DD + 0.3 V
P0, P1 Current (T
MAX = 70°C)
8 mA
P0, P1 Current (T
MAX = 85°C)
5 mA
P0, P1 Current (T
MAX = 105°C)
2.5 mA
Digital Input Voltage to DGND
–0.3 V to DV
DD + 0.3 V
Digital Output Voltage to DGND
–0.3 V to DV
DD + 0.3 V
Operating Temperature Range
–40°C to +105°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
TSSOP Package, Power Dissipation
660 mW
θ
JA Thermal Impedance
97.9°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD7734_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
More results

Description similaire - AD7734_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734 Datasheet
1Mb / 32P
   4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
REV. 0
AD7732 AD-AD7732_15 Datasheet
417Kb / 32P
   2-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7732 AD-AD7732 Datasheet
1Mb / 32P
   2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
REV. 0
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738 AD-AD7738_17 Datasheet
417Kb / 29P
   8-Channel, High Throughput, 24-Bit ADC
AD7732 AD-AD7732_17 Datasheet
434Kb / 33P
   2-Channel 10 V Input Range, High Throughput
AD7738 AD-AD7738_15 Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com