Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD22402D Fiches technique(PDF) 5 Page - Harris Corporation

No de pièce CD22402D
Description  Sync Generator for TV Applications and Video Processing Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HARRIS [Harris Corporation]
Site Internet  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22402D Fiches technique(HTML) 5 Page - Harris Corporation

  CD22402D Datasheet HTML 1Page - Harris Corporation CD22402D Datasheet HTML 2Page - Harris Corporation CD22402D Datasheet HTML 3Page - Harris Corporation CD22402D Datasheet HTML 4Page - Harris Corporation CD22402D Datasheet HTML 5Page - Harris Corporation CD22402D Datasheet HTML 6Page - Harris Corporation CD22402D Datasheet HTML 7Page - Harris Corporation CD22402D Datasheet HTML 8Page - Harris Corporation CD22402D Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
8-44
Logic Diagram
Switching Electrical Specifications TA = 25oC and CL = 15pF. Typical Temperature Coefficient for All Values of VDD = 0.3%/oC
PARAMETER (NOTE 4)
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
VDD (V)
Output State Propagation Delay Time (50% to 50%)
Low-to-High Level
tPLH
5
-
40
80
ns
High-to-Low Level
tPHL
10
-
20
40
ns
Output State Transition Time (10% to 90%)
Low-to-High
tTLH
5
-
45
90
ns
High-to-Low
tTHL
10
-
30
60
ns
Input Capacitance (Per Input)
CI
--
5
-
pF
NOTE:
4. The characteristics given are defined for unbuffered gate in the CMOS process of the CD22402.
R
S
Q
Q
10
20
21
1
23
2
22
24
S
R
Q
Q
6
10K
10K
51pF
GENLOCK OSC.
+
1M
1N914
HOR.
DR
0.001
µF
100pF
1M
CRYSTAL
32 TIMES
HORIZ.
503.496kHz
(NOTE 5)
(NOTE 6)
HOR. PROCESS
BLANKING
CLOCK TO
COUNTERS
VERTICAL DRIVE (VERT. RESET
TO FIRST VERT. PULSE)
INTEGRATOR
GENLOCK
SYNC
NOTES:
5. Pin 21 high when pin 20 is high (or open).
6. Pin 1 high inhibits clock.
FIGURE 1. DETAIL OF THE OSCILLATOR/GENLOCK PORTION OF THE CD22402
CD22402


Numéro de pièce similaire - CD22402D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CD22402 ETC2-CD22402 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Description similaire - CD22402D

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Hitachi Semiconductor
HD44007A HITACHI-HD44007A Datasheet
724Kb / 14P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
HD440072 HITACHI-HD440072 Datasheet
813Kb / 15P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
logo
National Semiconductor ...
MM5321 NSC-MM5321 Datasheet
307Kb / 6P
   TV camera sync generator
logo
List of Unclassifed Man...
MM5321 ETC-MM5321 Datasheet
434Kb / 4P
   TV CAMERA SYNC GENERATOR
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com