Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD22357A Fiches technique(PDF) 6 Page - Harris Corporation

No de pièce CD22357A
Description  CMOS Single-Chip, Full-Feature PCM CODEC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HARRIS [Harris Corporation]
Site Internet  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22357A Fiches technique(HTML) 6 Page - Harris Corporation

Back Button CD22357A Datasheet HTML 2Page - Harris Corporation CD22357A Datasheet HTML 3Page - Harris Corporation CD22357A Datasheet HTML 4Page - Harris Corporation CD22357A Datasheet HTML 5Page - Harris Corporation CD22357A Datasheet HTML 6Page - Harris Corporation CD22357A Datasheet HTML 7Page - Harris Corporation CD22357A Datasheet HTML 8Page - Harris Corporation CD22357A Datasheet HTML 9Page - Harris Corporation CD22357A Datasheet HTML 10Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-170
CD22354A, CD22357A
Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
AC TIMING
Frequency of Master Clocks
1/tPM
Depends on the Device Used
and the BCLKR/CLKSEL Pin
-
1.536
-
MHz
-
1.544
-
MHz
MCLKX and MCLKR
-
2.048
-
MHz
Width of Master Clock High
tWMH
MCLKX and MCLKR
160
-
-
ns
Width of Master Clock Low
tWML
MCLKX and MCLKR
160
-
-
ns
Rise Time of Master Clock
tRM
MCLKX and MCLKR
-
-
50
ns
Fall Time of Master Clock
tFM
MCLKX and MCLKR
-
-
50
ns
Set-up Time from BCLKX High
(and FSX in Long Frame Sync
Mode) to MCLKX Falling Edge
tSBFM
First Bit Clock after the Leading
Edge of FSX
100
-
-
ns
Period of Bit Clock
tPB
485
488
15,725
ns
Width of Bit Clock High
tWBH
VIH = 2.2V
160
-
-
ns
Width of Bit Clock Low
tWBL
VIL = 0.6V
160
-
-
ns
Rise Time of Bit Clock
tRB
tPB = 488ns
-
-
50
ns
Fall Time of Bit Clock
tFB
tPB = 488ns
-
-
50
ns
Hold Time from Bit Clock Low to
Frame Sync
tHBF
Long Frame Only
0
-
-
ns
Hold Time from Bit Clock High to
Frame Sync
tHOLD
Short Frame Only
0
-
-
ns
Set-up Time from Frame Sync to
Bit Clock Low
tSFB
Long Frame Only
80
-
-
ns
Delay Time from BCLKX High to
Data Valid
tDBD
Load = 150pF plus 2 LSTTL
Loads
0
-
180
ns
Delay Time to TSX Low
tXDP
Load = 150pF plus 2 LSTTL
Loads
-
-
140
ns
Delay Time from BCLKX Low or
FSX Low to Data Output Disabled
tDZC
50
-
165
ns
Delay Time to Valid Data from
FSX or BCLKX, Whichever Comes
Later
tDZF
CL = 0pF to 150pF
20
-
165
ns
Set-up Time from DR Valid to
BCLKR/X Low
tSDB
50
-
-
ns
Hold Time from BCLKR/X Low to
DR Invalid
tHBD
50
-
-
ns
Set-up Time from FSX/R to
BCLKX/R Low
tSF
Short Frame Sync Pulse
(1 or 2 Bit Clock Periods Long)
(Note 1)
50
-
-
ns
Hold Time from BCLKX/R Low to
FSX/R Low
tHF
Short Frame Sync Pulse
(1 or 2 Bit Clock Periods Long)
(Note 1)
100
-
-
ns


Numéro de pièce similaire - CD22357A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD22301 INTERSIL-CD22301 Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
CD22301 INTERSIL-CD22301 Datasheet
176Kb / 5P
   Monolithic PCM Repeater
CD22301E INTERSIL-CD22301E Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
CD22301E INTERSIL-CD22301E Datasheet
176Kb / 5P
   Monolithic PCM Repeater
CD22301 INTERSIL-CD22301_02 Datasheet
176Kb / 5P
   Monolithic PCM Repeater
More results

Description similaire - CD22357A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
NEC
UPD9625L NEC-UPD9625L Datasheet
87Kb / 2P
   CMOS PCM CODEC-Filter Combination
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Motorola, Inc
MC14406 MOTOROLA-MC14406 Datasheet
418Kb / 10P
   FULL DUPLEX 8-BIT COMPANDED PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com