Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3304E Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce CA3304E
Description  4-Bit, 25 MSPS, Flash A/D Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304E Fiches technique(HTML) 4 Page - Intersil Corporation

  CA3304E Datasheet HTML 1Page - Intersil Corporation CA3304E Datasheet HTML 2Page - Intersil Corporation CA3304E Datasheet HTML 3Page - Intersil Corporation CA3304E Datasheet HTML 4Page - Intersil Corporation CA3304E Datasheet HTML 5Page - Intersil Corporation CA3304E Datasheet HTML 6Page - Intersil Corporation CA3304E Datasheet HTML 7Page - Intersil Corporation CA3304E Datasheet HTML 8Page - Intersil Corporation CA3304E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4-10
Pin Descriptions
PIN NUMBER
NAME
DESCRIPTION
1
Bit 1
Bit 1 (LSB).
Output Data Bits
(High = True)
2
Bit 2
Bit 2.
3
Bit 3
Bit 3.
4
Bit 4
Bit 4 (MSB).
5
DC
Data Change.
6
OF
Overflow.
7
CE2
Three-State Output Enable Input, active low. See the Chip Enable Truth Table.
8VSS
Digital Ground.
9
CE1
Three-State Output Enable Input, active high. See the Chip Enable Truth Table.
10
VAA+
Analog Power Supply, +5V.
11
VIN
Analog Signal Input.
12
VREF+
Reference Voltage Positive Input.
13
VREF-
Reference Voltage Negative Input.
14
VAA-
Analog Ground.
15
CLK
Clock Input.
16
VDD
Digital Power Supply, +5V.
CHIP ENABLE TRUTH TABLE
CE1
CE2
BIT 1 - BIT 4
DC, OF
0
1
Valid
Valid
1
1
Three-State
Valid
X
0
Three-State
Three-State
X = Don't Care
TABLE 1. OUTPUT CODE TABLE
CODE
DESCRIPTION
INPUT VOLTAGE (V)
OUTPUT CODE
DECIMAL
COUNT
VREF+ = 1V
VREF- = -1V
1.6V
0V
2V
0V
3.2V
0V
4.8V
0V
OF
B4
B3
B2
B1
Zero
-1.000
0
0
0
0
00000
0
1 LSB
-0.875
0.1
0.125
0.2
0.3
00001
1
2 LSB
-0.750
0.2
0.250
0.4
0.6
00010
2
•••••
•••••
•••••
•••••
1/
2 Full Scale -1 LSB
-0.125
0.7
0.875
1.4
2.1
00111
7
1/
2 Full Scale
0
0.8
1.000
1.6
2.4
01000
8
1/
2 Full Scale +1 LSB
0.125
0.9
1.125
1.8
2.7
01001
9
•••••
•••••
•••••
•••••
Full Scale -1 LSB
0.750
1.4
1.750
2.8
4.2
01110
14
Full Scale
0.875
1.5
1.875
3.0
4.5
01111
15
Overflow
1.000
1.6
2.000
3.2
4.8
11111
31
Step Size
0.125
0.1
0.125
0.2
0.3
NOTE:
1. The voltages listed are the ideal centers of each output code shown as a function of its associated reference voltage See Ideal Transfer
Curve Figure 6. The output code should exist for an input equal to the ideal center voltage
±1/2 of the step size.
CA3304, CA3304A


Numéro de pièce similaire - CA3304E

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3304E INTERSIL-CA3304E Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
More results

Description similaire - CA3304E

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com