Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3306 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce CA3306
Description  6-Bit, 15 MSPS, Flash A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306 Fiches technique(HTML) 4 Page - Intersil Corporation

  CA3306 Datasheet HTML 1Page - Intersil Corporation CA3306 Datasheet HTML 2Page - Intersil Corporation CA3306 Datasheet HTML 3Page - Intersil Corporation CA3306 Datasheet HTML 4Page - Intersil Corporation CA3306 Datasheet HTML 5Page - Intersil Corporation CA3306 Datasheet HTML 6Page - Intersil Corporation CA3306 Datasheet HTML 7Page - Intersil Corporation CA3306 Datasheet HTML 8Page - Intersil Corporation CA3306 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4-11
ANALOG INPUTS
Positive Full Scale Input Range
(Notes 3, 4)
1
4.8
VDD + 0.5
V
Negative Full Scale Input Range
(Notes 3, 4)
-0.5
0
VDD - 1
V
Input Capacitance
-15-
pF
Input Current
VIN = 4.92V, VDD = 5V
-
-
±500
µA
INTERNAL VOLTAGE REFERENCE
Zener Voltage
IZ = 10mA
5.4
6.2
7.4
V
Zener Dynamic Impedance
IZ = 10mA, 20mA
-
12
25
Zener Temperature Coefficient
-
-0.5
-
mV/oC
REFERENCE INPUTS
Resistor Ladder Impedance
650
1100
1550
DIGITAL INPUTS
Maximum VIN, Logic 0
All Digital Inputs (Note 4)
-
-
0.3 x VDD
V
Maximum VIN, Logic 1
All Digital Inputs (Note 4)
0.7 x VDD
--
V
Digital Input Current
Except CLK, VIN = 0V, 5V
-
±1
±5
µA
Digital Input Current
CLK Only
-
±100
±200
µA
DIGITAL OUTPUTS
Digital Output Three-State Leakage
VOUT = 0V, 5V
-
±1
±5
µA
Digital Output Source Current
VOUT = 4.6V
-1.6
-
-
mA
Digital Output Sink Current
VOUT = 0.4V
3.2
-
-
mA
TIMING CHARACTERISTICS
Auto Balance Time (
φ1)
CA3306C
50
-
ns
CA3306, CA3306A
33
-
Sample Time (
φ2)
CA3306C
(Note 4)
33
-
5000
ns
CA3306, CA3306A
22
-
5000
ns
Aperture Delay
-8-
ns
Aperture Jitter
-
100
-
psP-P
Output Data Valid Delay, tD
CA3306C
-
35
50
ns
CA3306, CA3306A
-
30
40
ns
Output Data Hold Time, tH
(Note 4)
15
25
-
ns
Output Enable Time, tEN
-20-
ns
Output Disable Time, tDIS
-15-
ns
POWER SUPPLY CHARACTERISTICS
IDD Current, Refer to Figure 4 CA3306C
Continuous Conversion (Note 4)
-
11
20
mA
CA3306, CA3306A
-
14
25
mA
IDD Current
Continuous
φ1
-
7.5
15
mA
NOTES:
1. OFFSET ERROR is the difference between the input voltage that causes the 00 to 01 output code transition and (VREF+ - VREF-)/128.
2. GAIN ERROR is the difference the input voltage that causes the 3F16 to overflow output code transition and (VREF+ - VREF-) x 127/128.
3. The total input voltage range, set by VREF+ and VREF-, may be in the range of 1 to (VDD + 1) V.
4. Parameter not tested, but guaranteed by design or characterization.
Electrical Specifications
TA = 25
oC, V
DD = 5V, VREF+ = 4.8V, VSS = VREF - = GND, Clock = 15MHz Square Wave for CA3306 or
CA3306A, 10MHz for CA3306C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CA3306, CA3306A, CA3306C


Numéro de pièce similaire - CA3306

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3306 INTERSIL-CA3306 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306A INTERSIL-CA3306A Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306C INTERSIL-CA3306C Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306CD INTERSIL-CA3306CD Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306CE INTERSIL-CA3306CE Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
More results

Description similaire - CA3306

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com