Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3290 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce CA3290
Description  BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3290 Fiches technique(HTML) 3 Page - Intersil Corporation

  CA3290 Datasheet HTML 1Page - Intersil Corporation CA3290 Datasheet HTML 2Page - Intersil Corporation CA3290 Datasheet HTML 3Page - Intersil Corporation CA3290 Datasheet HTML 4Page - Intersil Corporation CA3290 Datasheet HTML 5Page - Intersil Corporation CA3290 Datasheet HTML 6Page - Intersil Corporation CA3290 Datasheet HTML 7Page - Intersil Corporation CA3290 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Saturation Voltage
VSAT
ISINK = 4mA, V+ = 5V,
+VI = 0V, -VI = 1V
125
-
0.22
0.7
-
0.22
0.7
V
ISINK = 4mA, V+ = 5V,
+VI = 0V, -VI = 1V
-55
-
0.1
-
-
0.1
-
V
ISINK = 4mA, V+ = 5V,
+VI = 0V, -VI = 1V
25
-
0.12
0.4
-
0.12
0.4
V
Output Leakage Current
IOL
V+ = 15V
Full
-
65
-
-
65
-
nA
V+ = 36V
Full
-
130
1k
-
130
1k
nA
V+ = 15V
25
-
100
-
-
100
-
pA
V+ = 36V
25
-
500
-
-
500
-
pA
Common Mode Input
Voltage Range
VICR
VO = 1.4V, V+ = 5V
25
V+ -3.5
V-
V+ -3.1
V- -1.5
-
V+ -3.5
V-
V+ -3.1
V- -1.5
-V
VO = 0V, V+ = +15V, V- = -15V
25
V+ -3.8
V-
V+ -3.4
V- -1.6
-
V+ -3.8
V-
V+ -3.4
V- -1.6
-V
Common Mode
Rejection Ratio
CMRR
V+ = +15V, V- = -15V
25
-
44
562
-
44
562
µV/V
V+ = 5V
25
-
100
562
-
100
562
µV/V
Power Supply Rejection
Ratio
PSRR
V+ = +15V, V- = -15V
25
-
15
316
-
15
316
µV/V
Output Sink Current
VO = 1.4V, V+ = 5V
25
6
30
-
6
30
-
mA
Response Time Rising
Edge
tr
RL = 5.1kΩ, V+ = 15V
25
-
1.2
-
-
1.2
-
µs
Response Time Falling
Edge
tf
RL = 5.1kΩ, V+ = 15V
25
-
200
-
-
200
-
ns
Large Signal Response
Time
RL = 5.1kΩ, V+ = 15V
25
-
500
-
-
500
-
ns
RL = 5.1kΩ, V+ = 5V
25
-
400
-
-
400
-
ns
Electrical Specifications
V- = 0V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(oC)
CA3290A
CA3290
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Test Circuits and Waveforms
FIGURE 1. PARASITIC OSCILLATIONS TEST CIRCUIT AND WAVEFORMS
+
-
+15V
-15V
+15V
TO 10X
SCOPE
PROBE
1K
1K
VIN
CC = 2pF
WITH CC
Top Trace
4.5mV/Div. = V
IN
Bottom Trace = 10V/Div. = VOUT
Time Scale = 5
µs/Div.
WITHOUT CC
Top Trace
4.5mV/Div.
Bottom Trace = 10V/Div.
Time Scale = 5
µs/Div.
CA3290, CA3290A


Numéro de pièce similaire - CA3290

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
CA3290A INTERSIL-CA3290A Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
CA3290AE INTERSIL-CA3290AE Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
CA3290E INTERSIL-CA3290E Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
CA3290 INTERSIL-CA3290_04 Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
More results

Description similaire - CA3290

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3290 INTERSIL-CA3290_04 Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com