Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7719 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7719
Description  Low Voltage, Low Power
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7719 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7719_15 Datasheet HTML 2Page - Analog Devices AD7719_15 Datasheet HTML 3Page - Analog Devices AD7719_15 Datasheet HTML 4Page - Analog Devices AD7719_15 Datasheet HTML 5Page - Analog Devices AD7719_15 Datasheet HTML 6Page - Analog Devices AD7719_15 Datasheet HTML 7Page - Analog Devices AD7719_15 Datasheet HTML 8Page - Analog Devices AD7719_15 Datasheet HTML 9Page - Analog Devices AD7719_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
REV. A
AD7719
–6–
Parameter
AD7719B
Unit
Test Conditions
Power Supply Currents (Continued)
AIDD Current (Main ADC)
1.1
mA max
AVDD = 3 V or 5 V, Buffered Mode,
0.85 mA typ
0.55
mA max
AVDD = 3 V or 5 V, Unbuffered Mode,
0.45 mA typ
AIDD Current (Aux ADC)
0.3
mA max
AVDD = 3 V or 5 V, 0.25 mA typ
AIDD Current (Main and Aux ADC)
1.25
mA max
AVDD = 3 V or 5 V, Main ADC Buffered,
1 mA typ
DIDD (ADC Disable Mode)
13
0.35
mA max
DVDD = 3 V, 0.25 mA typ
0.4
mA max
DVDD = 5 V, 0.3 mA typ
AIDD (ADC Disable Mode)
0.15
mA max
AVDD = 3 V or 5 V
DIDD (Power-Down Mode)
10
µA max
DVDD = 3 V, 32.768 kHz Osc. Running
2
µA max
DVDD = 3 V, Oscillator Powered Down
30
µA max
DVDD = 5 V, 32.768 kHz Osc. Running
8
µA max
DVDD = 5 V, Oscillator Powered Down
AIDD (Power-Down Mode)
1
µA max
AVDD = 3 V or 5 V
NOTES
1Temperature range –40°C to +85°C.
2Guaranteed by design and/or characterization data on production release.
3System zero calibration will remove this error.
4A calibration at any temperature will remove this drift error.
5The main ADC is factory-calibrated with AV
DD = DVDD = 4 V, TA = 25°C, REFIN1(+) – REFIN1(–) = 2.5 V. If the user power supplies or temperature conditions
are significantly different from these, internal full-scale calibration will restore this error to the published specification. System calibration can be used to reduce this
error to the order of the noise. Full-scale error applies to both positive and negative full scale.
6A system full-scale calibration will remove this error.
7A typical gain error of ±10 µV results following a user self-calibration.
8Simultaneous 50 Hz and 60 Hz rejection is achieved using 19.8 Hz (SF = 69) update rate. Normal mode rejection in this case is 60 dB min.
9After a calibration if the analog input exceeds positive full scale, the converter will output all 1s. If the analog input is less than negative full scale, the device will
output all 0s.
10 FS = Full-Scale Input. FS = 1.024
× REFIN1/Gain on the main ADC, where REFIN1 = REFIN1(+) – REFIN1(–). FS = REFIN2 on the aux ADC when ARN = 1
in the aux ADC control register (AD1CON) and REFIN2/2 on the aux ADC when ARN = 0.
11 Input and output levels on the I/O Port are with respect to AV
DD and AGND.
12 Normal mode refers to the case where both main and aux ADCs are running.
13 ADC disable is entered by setting both the AD0EN and AD1EN bits in the main and aux ADC control registers to a 0 and setting the mode bits (MD2, MD1,
MD0) in the mode register to non-0.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25°C, unless otherwise noted.)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND
2. . . . . . . . . . . . . . . . . . . –20 mV to +20 mV
PWRGND to AGND . . . . . . . . . . . . . . . . –20 mV to +20 mV
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . –5 V to +5 V
Analog Input Voltage to AGND . . . .
–0.3 V to AVDD +0.3 V
Reference Input Voltage to AGND . .
–0.3 V to AVDD +0.3 V
Total AIN/REFIN Current (Indefinite) . . . . . . . . . . . . 30 mA
Digital Input Voltage to DGND . . . . –0.3 V to DVDD +0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD +0.3 V
Operating Temperature Range . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
SOIC Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 71.4°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 23°C/W
TSSOP Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 97.9°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 AGND and DGND are connected internally within the AD7719.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7719BR
–40°C to +85°C
SOIC
R-28
AD7719BRU
–40°C to +85°CTSSOP
RU-28
EVAL-AD7719EB
Evaluation Board


Numéro de pièce similaire - AD7719_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
More results

Description similaire - AD7719_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
HP01-TQ ETC2-HP01-TQ Datasheet
255Kb / 6P
   Low voltage, low power
HP01-JK ETC2-HP01-JK Datasheet
203Kb / 7P
   Low voltage, low power
HP03S ETC2-HP03S Datasheet
200Kb / 7P
   Low voltage, low power consumption
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
   Ultra Low-Power Low-Voltage
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Cirrus Logic
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Diodes Incorporated
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
Cirrus Logic
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Maxim Integrated Produc...
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com