Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7703 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7703
Description  20-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7703 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7703_15 Datasheet HTML 6Page - Analog Devices AD7703_15 Datasheet HTML 7Page - Analog Devices AD7703_15 Datasheet HTML 8Page - Analog Devices AD7703_15 Datasheet HTML 9Page - Analog Devices AD7703_15 Datasheet HTML 10Page - Analog Devices AD7703_15 Datasheet HTML 11Page - Analog Devices AD7703_15 Datasheet HTML 12Page - Analog Devices AD7703_15 Datasheet HTML 13Page - Analog Devices AD7703_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. E
–10–
AD7703
Initiating Calibration
Table III illustrates the calibration modes available in the AD7703.
Not shown in the table is the function of the BP/
UP pin, which
determines whether the converter has been calibrated to mea-
sure bipolar or unipolar signals. A calibration step is initiated by
bringing the CAL pin high for at least four CLKIN cycles and
then bringing it low again. The states of SC1 and SC2 along
with the BP/
UP pin will determine the type of calibration to be
performed. All three signals should be stable before the CAL
pin is taken positive. The SC1 and SC2 inputs are latched when
CAL goes high. The BP/
UP input is not latched and, therefore,
must remain in a fixed state throughout the calibration and
measurement cycles. Any time the state of the BP/
UP is changed,
a new calibration cycle must be performed to enable the AD7703
to function properly in the new mode.
When a calibration step is initiated, the
DRDY signal will go high
and remain high until the step is finished. Table III shows the
number of clock cycles each calibration requires. Once a calibra-
tion step is initiated, it must finish before a new calibration step
can be executed. In the two step system calibration mode, the
offset calibration step must be initiated before initiating the gain
calibration step.
When self-calibration is completed,
DRDY falls and the output
port is updated with a data-word that represents the analog input
signal. When a system calibration step is completed,
DRDY will
fall and the output port will be updated with the appropriate data
value (all 0s for the zero-scale point and all 1s for the full-scale
point). In the system calibration mode, the digital filter must
settle before the output code will represent the value of the
analog input signal. Tables IV and V indicate the output code
size and output coding of the AD7703 in its various modes. In
these tables, SOFF is the measured system offset in volts and
SGAIN is the measured system gain at the full-scale point in volts.
Span and Offset Limits
Whenever a system calibration mode is used, there are limits
on the amount of offset and span that can be accommodated.
The range of input span in both the Unipolar and Bipolar
modes has a minimum value of 0.8 VREF and a maximum
value of 2(VREF + 0.1 V).
The amount of offset that can be accommodated depends on
whether the Unipolar or Bipolar mode is being used. In Unipolar
mode, the system calibration modes can handle a maximum
offset of 0.2 VREF and a minimum offset of –(VREF + 0.1 V).
Therefore the AD7703 in the Unipolar mode can be calibrated
to mimic bipolar operation.
Table III. Calibration Truth Table
*
Calibration
Zero-Scale
Full-Scale
Calibration
CAL
SC1
SC2
Type
Calibration
Calibration
Sequence
Time
00
Self-Calibration
VAGND
VREF
One Step
3,145,655 Clock Cycles
11
System Offset
AIN
First Step
1,052,599 Clock Cycles
01
System Gain
AIN
Second Step
1,068,813 Clock Cycles
10
System Offset
AIN
VREF
One Step
2,117,389 Clock Cycles
*DRDY remains high throughout the calibration sequence. In the Self-Calibration mode, DRDY falls once the AD7703 has settled to the analog input. In all other
modes,
DRDY falls as the device begins to settle.
Table IV. Output Code Size After Calibration
1 LSB
Calibration Mode
Zero Scale
Gain Factor
Unipolar
Bipolar
Self-Calibration
VAGND
VREF
(VREF –VAGND )
1048576
2(VREF –VAGND )
1048576
System Calibration
SOFF
SGAIN
(SGAIN – SOFF )
1048576
2(SGAIN – SOFF )
1048576


Numéro de pièce similaire - AD7703_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
   20-Bit A/D Converter
More results

Description similaire - AD7703_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
   20-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
   16-Bit, 20 KHz A/D Converter
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Fujitsu Component Limit...
MB40C360 FUJITSU-MB40C360 Datasheet
83Kb / 8P
   20 MHz 10-bit A/D Converter
logo
Cirrus Logic
CS5504 CIRRUS-CS5504 Datasheet
338Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com