Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3146M Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce CA3146M
Description  High-Voltage Transistor Arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3146M Fiches technique(HTML) 3 Page - Intersil Corporation

  CA3146M Datasheet HTML 1Page - Intersil Corporation CA3146M Datasheet HTML 2Page - Intersil Corporation CA3146M Datasheet HTML 3Page - Intersil Corporation CA3146M Datasheet HTML 4Page - Intersil Corporation CA3146M Datasheet HTML 5Page - Intersil Corporation CA3146M Datasheet HTML 6Page - Intersil Corporation CA3146M Datasheet HTML 7Page - Intersil Corporation CA3146M Datasheet HTML 8Page - Intersil Corporation CA3146M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Magnitude of VIO (VBE1 - VBE2)
Temperature Coefficient
VCE = 5V,
IC1 = IC2 = 1mA
-
-
1.1
-
-
1.1
-
µV/oC
Magnitude of Input Offset Current
|IIO1 - IIO2| (CA3146AE and
CA3146E Only)
IIO
VCE = 5V,
IC1 = IC2 = 1mA
8
-
0.3
2
-
0.3
2
µA
DYNAMIC CHARACTERISTICS
Low Frequency Noise Figure
NF
f = 1kHz, VCE = 5V,
IC = 100µA, Source
Resistance = 1k
10
-
3.25
-
-
3.25
-
dB
Low-Frequency, Small-Signal
Equivalent-Circuit Characteristics:
Forward-Current Transfer
Ratio
hFE
f = 1kHz, VCE = 5V,
IC = 1mA
12
-
100
-
-
100
-
-
Short-Circuit Input Impedance
hIE
f = 1kHz, VCE = 5V,
IC = 1mA
12
-
3.5
-
-
2.7
-
k
Open-Circuit Output Impedance
hOE
f = 1kHz, VCE = 5V,
IC = 1mA
12
-
15.6
-
-
15.6
-
µS
Open-Circuit Reverse Voltage
Transfer Ratio
hRE
f = 1kHz, VCE = 5V,
IC = 1mA
12
-
1.8 x
10-4
-
-
1.8 x
10-4
--
Admittance Characteristics:
Forward Transfer Admittance
YFE
f = 1MHz, VCE = 5V,
IC = 1 mA
13
-
31-
j1.5
-
-
31-j1.5
-
mS
Input Admittance
YIE
f = 1MHz, VCE = 5V,
IC = 1 mA
14
-
0.3 +
j0.04
-
-
0.35 +
j0.04
-mS
Output Admittance
YOE
f = 1MHz, VCE = 5V,
IC = 1 mA
15
-
0.001
+ j0.03
-
-
0.001
+ j0.03
-mS
Reverse Transfer
Admittance
YRE
f = 1MHz, VCE = 5V,
IC = 1 mA
16
See
Curve
See
Curve
mS
Gain-Bandwidth Product
fT
VCE = 5V, IC = 3mA
17
300
500
-
300
500
-
MHz
Emitter-to-Base Capacitance
CEB
VEB = 5V, IE = 0
18
-
0.70
-
-
0.70
-
pF
Collector-to-Base Capacitance
CCB
VCB = 5V, IC = 0
18
-
0.37
-
-
0.37
-
pF
Collector-to-Substrate
Capacitance
CCl
VCl = 5V, IC = 0
18
-
2.2
-
-
2.2
-
pF
Electrical Specifications
CA3183 Series
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
PERF.
CURVE
FIG. NO.
CA3183
CA3183A
UNITS
TA = 25
oC
MIN
TYP
MAX
MIN
TYP
MAX
DC CHARACTERISTICS FOR EACH TRANSISTOR
Collector-to-Base
Breakdown Voltage
V(BR)CBO
IC = 100µA, IE = 0
-
40
-
-
50
-
-
V
Collector-to-Emitter
Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
-
30
-
-
40
-
-
V
Collector-to-Substrate
Breakdown Voltage
V(BR)ClO
ICI = 100µA, IB = 0,
IE = 0
-40
-
-
50
-
-
V
Emitter-to-Base
Breakdown Voltage
V(BR)EBO
IE = 500µA, IC = 0
-
5
-
-
5
-
-
V
Collector-Cutoff Current
ICEO
VCE = 10V, IB = 0
19
-
-
10
-
-
10
µA
Electrical Specifications
CA3146 Series (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
PERF.
CURVE
FIG. NO.
CA3146
CA3146A
UNITS
TA = 25
oC
MN
TYP
MAX
MIN
TYP
MAX
∆V
IO
∆T
--------------
CA3146, CA3146A, CA3183, CA3183A


Numéro de pièce similaire - CA3146M

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3146M INTERSIL-CA3146M Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
CA3146M96 INTERSIL-CA3146M96 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

Description similaire - CA3146M

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com