Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3146AE Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce CA3146AE
Description  High-Voltage Transistor Arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3146AE Fiches technique(HTML) 2 Page - Intersil Corporation

  CA3146AE Datasheet HTML 1Page - Intersil Corporation CA3146AE Datasheet HTML 2Page - Intersil Corporation CA3146AE Datasheet HTML 3Page - Intersil Corporation CA3146AE Datasheet HTML 4Page - Intersil Corporation CA3146AE Datasheet HTML 5Page - Intersil Corporation CA3146AE Datasheet HTML 6Page - Intersil Corporation CA3146AE Datasheet HTML 7Page - Intersil Corporation CA3146AE Datasheet HTML 8Page - Intersil Corporation CA3146AE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Thermal Information
Collector-to-Emitter Voltage (VCEO)
CA3146A, CA3183A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
CA3146, CA3183 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Collector-to-Base Voltage (VCBO)
CA3146A, CA3183A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V
CA3146, CA3183 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Collector-to-Substrate Voltage (VCIO, Note 1)
CA3146A, CA3183A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V
CA3146, CA3183 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Emitter to Base Voltage (VEBO) all types. . . . . . . . . . . . . . . . . . . . . 5V
Collector Current
CA3146A, CA3146 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
CA3183A, CA3183 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75mA
Base Current (IB) - CA3183A, CA3183 . . . . . . . . . . . . . . . . . . . 20mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
14 Ld PDIP Package . . . . . . . . . . . . . . . . . . . . . . . .
100
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
200
16 Ld PDIP Package . . . . . . . . . . . . . . . . . . . . . . . .
95
16 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
175
Maximum Power Dissipation (Any One Transistor, Note 3)
CA3146A, CA3146. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
CA3183A, CA3183. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC
Maximum Storage Temperature Range (all types) . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor is isolated from the substrate by an integral diode. The substrate must be connected to a voltage which is more
negative than any collector voltage in order to maintain isolation between transistors, and to provide for normal transistor action. To avoid
undesired coupling between transistors, the substrate terminal should be maintained at either DC or signal (AC) ground. A suitable bypass
capacitor can be used to establish a signal ground.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
3. Care must be taken to avoid exceeding the maximum junction temperature. Use the total power dissipation (all transistors) and thermal
resistances to calculate the junction temperature.
Electrical Specifications
CA3146 Series
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
PERF.
CURVE
FIG. NO.
CA3146
CA3146A
UNITS
TA = 25
oC
MN
TYP
MAX
MIN
TYP
MAX
DC CHARACTERISTICS FOR EACH TRANSISTOR
Collector-to-Base
Breakdown Voltage
V(BR)CBO IC = 10µA, IE = 0
-
40
72
-
50
72
-
V
Collector-to-Emitter
Breakdown Voltage
V(BR)CEO IC = 1mA, IB = 0
-
30
56
-
40
56
-
V
Collector-to-Substrate
Breakdown Voltage
V(BR)CIO
ICI = 10µA, IB = 0,
IE = 0
-
40
72
-
50
72
-
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO IE = 10µA, IC = 0
-
5
7
-
5
7
-
V
Collector-Cutoff Current
ICEO
VCE = 10V, IB = 0
1
-
See
Curve
5
-
See
Curve
5
µA
Collector-Cutoff Current
ICBO
VCB = 10V, IE = 0
2
-
0.002
100
-
0.002
100
nA
DC Forward-Current Transfer
Ratio
hFE
VCE = 5V, IC = 10mA
3
-
85
-
-
85
-
-
VCE = 5V, IC = 1mA
3
30
100
-
30
100
-
-
VCE = 5V, IC = 10µA3
-
90
-
-
90
-
-
Base-to-Emitter Voltage
VBE
VCE = 3V, IC = 1mA
4
0.63
0.73
0.83
0.63
0.73
0.83
V
Collector-to-Emitter
Saturation Voltage
VCE SAT
IC = 10mA, IB = 1mA
5
-
0.33
-
-
0.33
-
V
DC CHARACTERISTICS FOR TRANSISTORS Q1 AND Q2 (As A Differential Amplifier)
Magnitude of Input Offset
Voltage |VBE1 - VBE2|
|VIO|VCE = 5V, IE = 1mA
6, 7
-
0.48
5
-
0.48
5
mV
Magnitude of Base-to-Emitter
Temperature Coefficient
VCE = 5V, IE = 1mA
-
-
1.9
-
-
1.9
-
mV/oC
∆V
BE
∆T
----------------
CA3146, CA3146A, CA3183, CA3183A


Numéro de pièce similaire - CA3146AE

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3146AE INTERSIL-CA3146AE Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

Description similaire - CA3146AE

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com