Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3096M96 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce CA3096M96
Description  NPN/PNP Transistor Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3096M96 Fiches technique(HTML) 1 Page - Intersil Corporation

  CA3096M96 Datasheet HTML 1Page - Intersil Corporation CA3096M96 Datasheet HTML 2Page - Intersil Corporation CA3096M96 Datasheet HTML 3Page - Intersil Corporation CA3096M96 Datasheet HTML 4Page - Intersil Corporation CA3096M96 Datasheet HTML 5Page - Intersil Corporation CA3096M96 Datasheet HTML 6Page - Intersil Corporation CA3096M96 Datasheet HTML 7Page - Intersil Corporation CA3096M96 Datasheet HTML 8Page - Intersil Corporation CA3096M96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Applications
• Five-Independent Transistors
- Three NPN and
- Two PNP
• Differential Amplifiers
• DC Amplifiers
• Sense Amplifiers
• Level Shifters
• Timers
• Lamp and Relay Drivers
• Thyristor Firing Circuits
• Temperature Compensated Amplifiers
• Operational Amplifiers
Pinout
CA3096, CA3096A, CA3096C
(PDIP, SOIC)
TOP VIEW
Description
The CA3096C, CA3096, and CA3096A are general purpose
high voltage silicon transistor arrays. Each array consists of
five independent transistors (two PNP and three NPN types)
on a common substrate, which has a separate connection.
Independent connections for each transistor permit maxi-
mum flexibility in circuit design.
Types CA3096A, CA3096, and CA3096C are identical, except
that the CA3096A specifications include parameter matching
and greater stringency in ICBO, ICEO, and VCE(SAT). The
CA3096C is a relaxed version of the CA3096.
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3096AE
-55 to 125
16 Ld PDIP
E16.3
CA3096AM
(3096A)
-55 to 125
16 Ld SOIC
M16.15
CA3096AM96
(3096A)
-55 to 125
16 Ld SOIC Tape
and Reel
M16.15
CA3096CE
-55 to 125
16 Ld PDIP
E16.3
CA3096E
-55 to 125
16 Ld PDIP
E16.3
CA3096M
(3096)
-55 to 125
16 Ld SOIC
M16.15
CA3096M96
(3096)
-55 to 125
16 Ld SOIC Tape
and Reel
M16.15
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
SUBSTRATE
Q1
Q2
Q4
Q5
Q3
CA3096, CA3096A, CA3096C
Essential Differences
CHARACTERISTIC
CA3096A
CA3096
CA3096C
V(BR)CEO (V) (Min)
NPN
35
35
24
PNP
-40
-40
-24
V(BR)CBO (V) (Min)
NPN
45
45
30
PNP
-40
-40
-24
hFE at 1mA
NPN
150-500
150-500
100-670
PNP
20-200
20-200
15-200
hFE at 100µA
PNP
40-250
40-250
30-300
ICBO (nA) (Max)
NPN
40
100
100
PNP
-40
-100
-100
ICEO (nA) (Max)
NPN
100
1000
1000
PNP
-100
-1000
-1000
VCE SAT (V) (Max)
NPN
0.5
0.7
0.7
|VIO| (mV) (Max)
NPN
5
-
-
PNP
5
-
-
|IIO| (µA) (Max)
NPN
0.6
-
-
PNP
0.25
-
-
December 1997
CA3096, CA3096A,
CA3096C
NPN/PNP Transistor Arrays
File Number
595.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Numéro de pièce similaire - CA3096M96

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3096M96 INTERSIL-CA3096M96 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
More results

Description similaire - CA3096M96

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
Zarlink Semiconductor I...
SL3145 ZARLINK-SL3145 Datasheet
311Kb / 7P
   1.6GHz NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com