Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA3094 Fiches technique(PDF) 14 Page - Intersil Corporation

No de pièce CA3094
Description  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094 Fiches technique(HTML) 14 Page - Intersil Corporation

Back Button CA3094 Datasheet HTML 6Page - Intersil Corporation CA3094 Datasheet HTML 7Page - Intersil Corporation CA3094 Datasheet HTML 8Page - Intersil Corporation CA3094 Datasheet HTML 9Page - Intersil Corporation CA3094 Datasheet HTML 10Page - Intersil Corporation CA3094 Datasheet HTML 11Page - Intersil Corporation CA3094 Datasheet HTML 12Page - Intersil Corporation CA3094 Datasheet HTML 13Page - Intersil Corporation CA3094 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
3-25
FIGURE 35. SLEW RATE vs AMPLIFIER BIAS CURRENT
FIGURE 36. SLEW RATE vs CLOSED LOOP VOLTAGE GAIN
FIGURE 37. PHASE COMPENSATION CAPACITANCE AND RESISTANCE vs CLOSED LOOP VOLTAGE GAIN
Typical Performance Curves (Continued)
V+ = +15V, V- = -15V, TA = 25
oC
FOR TEST CIRCUIT, SEE FIGURE 22
100
10
1.0
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
0.1
020
40
60
CLOSED LOOP VOLTAGE GAIN (dB)
100
10
1.0
V+ = +15V, V- = -15V, IABC = 500µA, TA = 25
oC
FOR TEST CIRCUIT, SEE FIGURE 23
80
100
020
40
50
CLOSED LOOP VOLTAGE GAIN (dB)
60
70
30
10
1
10
100
1000
200
400
600
800
1000
CC
RC
2
4
6
8
20
40
60
80
V+ = +15V, V- = -15V, IABC = 500mA, TA = 25
oC
100mV OUTPUT SIGNAL WITH
10% OVERSHOOT
FOR PHASE COMPENSATION
TEST CIRCUIT, SEE FIGURE 24
CA3094, CA3094A, CA3094B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn