Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA3094 Fiches technique(PDF) 12 Page - Intersil Corporation

No de pièce CA3094
Description  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094 Fiches technique(HTML) 12 Page - Intersil Corporation

Back Button CA3094 Datasheet HTML 6Page - Intersil Corporation CA3094 Datasheet HTML 7Page - Intersil Corporation CA3094 Datasheet HTML 8Page - Intersil Corporation CA3094 Datasheet HTML 9Page - Intersil Corporation CA3094 Datasheet HTML 10Page - Intersil Corporation CA3094 Datasheet HTML 11Page - Intersil Corporation CA3094 Datasheet HTML 12Page - Intersil Corporation CA3094 Datasheet HTML 13Page - Intersil Corporation CA3094 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
3-23
Typical Performance Curves
FIGURE 23. INPUT OFFSET VOLTAGE vs AMPLIFIER BIAS
CURRENT (IABC, TERMINAL 5)
FIGURE 24. INPUT OFFSET CURRENT vs AMPLIFIER BIAS
CURRENT (IABC, TERMINAL 5)
FIGURE 25. INPUT BIAS CURRENT vs AMPLIFIER BIAS
CURRENT (IABC, TERMINAL 5)
FIGURE 26. DEVICE DISSIPATION vs AMPLIFIER BIAS
CURRENT (IABC, TERMINAL 5)
FIGURE 27. AMPLIFIER SUPPLY CURRENT vs AMPLIFIER
BIAS CURRENT (IABC, TERMINAL 5)
FIGURE 28. COMMON MODE INPUT VOLTAGE vs AMPLIFIER
BIAS CURRENT (IABC, TERMINAL 5)
V+ = +15V, V- = -15V
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
125oC
90oC
70oC
-55oC
25oC
70oC
90oC
125oC
-55oC
25oC
AMPLIFIER BIAS CURRENT (
µA)
0.1
1.0
10
100
1000
102
103
101
1
0.1
0.01
125oC
25oC
-55oC
V+ = +15V, V- = -15V
AMPLIFIER BIAS CURRENT (
µA)
0.1
1
10
100
1000
125oC
25oC
-55oC
V+ = +15V, V- = -15V
103
104
102
101
1.0
0.1
3
0.88
µA
TA = 25
oC
V+ = +15V, V- = -15V
V+ = +6V, V- = -6V
V+ = +3V, V- = -3V
103
104
102
101
1
105
AMPLIFIER BIAS CURRENT (
µA)
0.1
1.0
10
100
1000
TA = 125
oC
25oC
-55oC
25oC
-55oC
125oC
V+ = +15V, V- = -15V
AMPLIFIER BIAS CURRENT (
µA)
0.1
1.0
10
100
1000
103
104
102
101
1.0
0.1
V+ = +15V, V- = -15V
TA = 25
oC
V+CMR
V-CMR
AMPLIFIER BIAS CURRENT (
µA)
0.1
1.0
10
100
1000
15.0
14.5
14.0
13.5
13.0
0
-13.0
-13.5
-14.0
-14.5
-15.0
CA3094, CA3094A, CA3094B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn