Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA0124M Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce CA0124M
Description  Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0124M Fiches technique(HTML) 4 Page - Intersil Corporation

  CA0124M Datasheet HTML 1Page - Intersil Corporation CA0124M Datasheet HTML 2Page - Intersil Corporation CA0124M Datasheet HTML 3Page - Intersil Corporation CA0124M Datasheet HTML 4Page - Intersil Corporation CA0124M Datasheet HTML 5Page - Intersil Corporation CA0124M Datasheet HTML 6Page - Intersil Corporation CA0124M Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Performance Curves
FIGURE 1. OPEN LOOP FREQUENCY RESPONSE
FIGURE 2. VOLTAGE FOLLOWER PULSE RESPONSE
(SMALL SIGNAL)
FIGURE 3. VOLTAGE FOLLOWER PULSE RESPONSE (LARGE SIGNAL)
FIGURE 4. INPUT CURRENT vs AMBIENT TEMPERATURE
FIGURE 5. SUPPLY CURRENT vs SUPPLY VOLTAGE
140
120
100
80
60
40
20
0
1
10
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
TA =-40 ≤ TA ≤ 85
oC
V+ =10 TO 15V
V+=26V
V+
VO
V+/2
VI
0.1
µF
11
4
+
-
3
2
1
OUTPUT
INPUT
TA =25
oC
V+ = 30V
500
450
400
350
300
250
0
1
2
3
4
5
6789
TIME (
µs)
VO
VI
50pF
1
2
3
-
+
TA =25
oC
V+ = 15V
RL =2kΩ
4
3
2
1
0
10203040
4
3
2
1
0
TIME (
µs)
TEMPERATURE (oC)
-75
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
VICR =0V
V+=30V
15V
5V
4
3
2
1
0
5
10
15
20
25
30
POSITIVE SUPPLY VOLTAGE (V)
TA =0
oC TO 125oC
-55oC
0
ID
V+
3
2
mA
1
-
+
11
4
CA124, CA224, CA324, LM324, LM2902


Numéro de pièce similaire - CA0124M

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
CA012207DQ CK-COMPONENTS-CA012207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
More results

Description similaire - CA0124M

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com