Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA1524E Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce CA1524E
Description  Regulating Pulse Width Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1524E Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button CA1524E Datasheet HTML 5Page - Intersil Corporation CA1524E Datasheet HTML 6Page - Intersil Corporation CA1524E Datasheet HTML 7Page - Intersil Corporation CA1524E Datasheet HTML 8Page - Intersil Corporation CA1524E Datasheet HTML 9Page - Intersil Corporation CA1524E Datasheet HTML 10Page - Intersil Corporation CA1524E Datasheet HTML 11Page - Intersil Corporation CA1524E Datasheet HTML 12Page - Intersil Corporation CA1524E Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
CA1524, CA2524, CA3524
Output Section
The CA1524 series outputs are two identical n-p-n
transistors with both collectors and emitters uncommitted.
Each output transistor has antisaturation circuitry that
enables a fast transient response for the wide range of
oscillator frequencies. Current limiting of the output section
is set at 100mA for each output and 100mA total if both
outputs are paralleled. Having both emitters and collectors
available provides the versatility to drive either n-p-n or p-n-p
external transistors. Curves of the output saturation voltage
as a function of temperature and output current are shown in
Figures 8 and 9, respectively. There are a number of output
configurations possible in the application of the CA1524 to
voltage regulator circuits which fall into three basic
classifications:
1. Capacitor-diode coupled voltage multipliers
2. Inductor-capacitor single-ended circuits
3. Transformer-coupled circuits
FIGURE 9. TYPICAL OUTPUT SATURATION VOLTAGE AS A
FUNCTION OF OUTPUT CURRENT
Device Application Suggestions
For higher currents, the circuit of Figure 10 may be used with
an external p-n-p transistor and bias resistor. The internal
regulator may be bypassed for operation from a fixed 5V
supply by connecting both terminals 15 and 16 to the input
voltage, which must not exceed 6V.
FIGURE 10. CIRCUIT FOR EXPANDING THE REFERENCE
CURRENT CAPABILITY
The internal 5V reference can be used for conventional regu-
lator applications if divided as shown in Figure 11. If the error
amplifier is connected as a unity gain amplifier, a fixed duty
cycle application results.
FIGURE 11. ERROR AMPLIFIER BIASING CIRCUITS
FIGURE 12. CIRCUIT TO ALLOW EXTERNAL BYPASS OF THE
REFERENCE REGULATION
To provide an expansion of the dead time without loading the
oscillator, the circuit of Figure 13 may be used.
FIGURE 13. CIRCUIT FOR EXPANSION OF DEAD TIME, WITH-
OUT USING A CAPACITOR ON PIN 3 OR WHEN A
LOW VALUE OSCILLATOR CAPACITOR IS USED
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
OUTPUT CURRENT, IL (mA)
TA = +25
oC
V+ = 8V to 40V
CA1524
REFERENCE
SECTION
15
16
8
V+
IL TO IA
DEPENDING
ON CHOICE
FOR Q1
GND
100
Q1
10
µF
+
-
VREF
VREF
2
1
R2
5K
5K
R1
-
+
-
+
2
1
R2
VREF
GND
GND
5K
5K
NEGATIVE
OUTPUT
VOLTAGES
POSITIVE
OUTPUT
VOLTAGES
VO
2.5V (R1 + R2)
R1
R1R2
R1 + R2
= 2.5KW
R1
CA1524
REFERENCE
SECTION
15
16
8
V+ CANNOT
EXCEED 6V
VT
VREF
NOTE: V+ Should Be in the 5V Range
And Must Not Exceed 6V
8
16
9
5K


Numéro de pièce similaire - CA1524E

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CA15226 CREE-CA15226 Datasheet
1Mb / 27P
   Strada series
logo
Ledil, Inc.
CA15226 LEDIL-CA15226 Datasheet
2Mb / 10P
   Forward throw beam optimized for European tunnels
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
CA1523 INTERSIL-CA1523 Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
logo
Ledil, Inc.
CA15230 LEDIL-CA15230 Datasheet
4Mb / 5P
   ~35째 medium beam
More results

Description similaire - CA1524E

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com