Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7564 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7564
Description  3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7564 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7564_15 Datasheet HTML 3Page - Analog Devices AD7564_15 Datasheet HTML 4Page - Analog Devices AD7564_15 Datasheet HTML 5Page - Analog Devices AD7564_15 Datasheet HTML 6Page - Analog Devices AD7564_15 Datasheet HTML 7Page - Analog Devices AD7564_15 Datasheet HTML 8Page - Analog Devices AD7564_15 Datasheet HTML 9Page - Analog Devices AD7564_15 Datasheet HTML 10Page - Analog Devices AD7564_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD7564
REV. B
–7–
PIN DESCRIPTIONS
Pin
Number
Mnemonic
Description
1
DGND
Digital Ground.
2
IOUT2C
IOUT2 terminal for DAC C. This should normally connect to the signal ground of the system.
3
VDD
Positive power supply. This is +5 V ± 5%.
4
IOUT1C
IOUT1 terminal for DAC C.
5
RFBC
Feedback resistor for DAC C.
6
VREFC
DAC C reference input.
7
IOUT2D
IOUT2 terminal for DAC D. This should normally connect to the signal ground of the system.
8
IOUT1D
IOUT1 terminal for DAC D.
9
RFBD
Feedback resistor for DAC D.
10
VREFD
DAC D reference input.
11
SDOUT
This shift register output allows multiple devices to be connected in a daisy chain configuration.
12
CLR
Asynchronous CLR input. When this input is taken low, all DAC latches are loaded with all 0s.
13
LDAC
Asynchronous LDAC input. When this input is taken low, all DAC latches are simultaneously updated with the
contents of the input latches.
14
FSIN
Level-triggered control input (active low). This is the frame synchronization signal for the input data. When FSIN
goes low, it enables the input shift register, and data is transferred on the falling edges of CLKIN. If the address
bits are valid, the 12-bit DAC data is transferred to the appropriate input latch on the sixteenth falling edge after
FSIN goes low.
15
SDIN
Serial data input. The device accepts a 16-bit word. DB0 and DB1 are DAC select bits. DB2 and DB3 are device
address bits. DB4 to DB15 contain the 12-bit data to be loaded to the selected DAC.
16
CLKIN
Clock Input. Data is clocked into the input shift register on the falling edges of CLKIN. Add a pull-down resistor on
the clock line to avoid timing issues.
17
A1
Device address pin. This input in association with A0 gives the device an address. If DB2 and DB3 of the serial
input stream do not correspond to this address, the data which follows is ignored and not loaded to any input
latch. However, it will appear at SDOUT irrespective of this.
18
A0
Device address pin. This input in association with A1 gives the device an address.
19
VREFA
DAC A reference input.
20
RFBA
Feedback resistor for DAC A.
21
IOUT1A
IOUT1 terminal for DAC A.
22
IOUT2A
IOUT2 terminal for DAC A. This should normally connect to the signal ground of the system.
23
VREFB
DAC B reference input.
24
RFBB
Feedback resistor for DAC B.
25
IOUT1B
IOUT1 terminal for DAC B.
26
N/C
No Connect pin.
27
AGND
This pin connects to the back gates of the current steering switches. It should be connected to the signal ground
of the system.
28
IOUT2B
IOUT2 terminal for DAC B. This should normally connect to the signal ground of the system.


Numéro de pièce similaire - AD7564_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7564AR-B AD-AD7564AR-B Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564AR-B AD-AD7564AR-B Datasheet
468Kb / 17P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7564ARS-B AD-AD7564ARS-B Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564ARS-B AD-AD7564ARS-B Datasheet
468Kb / 17P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7564ARS-BREEL AD-AD7564ARS-BREEL Datasheet
468Kb / 17P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
More results

Description similaire - AD7564_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564ARS-BREEL AD-AD7564ARS-BREEL Datasheet
468Kb / 17P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BNZ AD-AD7945BNZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com