Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT245 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce 74HCT245
Description  Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT245 Fiches technique(HTML) 5 Page - ON Semiconductor

  74HCT245 Datasheet HTML 1Page - ON Semiconductor 74HCT245 Datasheet HTML 2Page - ON Semiconductor 74HCT245 Datasheet HTML 3Page - ON Semiconductor 74HCT245 Datasheet HTML 4Page - ON Semiconductor 74HCT245 Datasheet HTML 5Page - ON Semiconductor 74HCT245 Datasheet HTML 6Page - ON Semiconductor 74HCT245 Datasheet HTML 7Page - ON Semiconductor 74HCT245 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74HCT245
http://onsemi.com
5
Figure 3. Switching Waveform
3V
GND
1.5V
Figure 4. Switching Waveform
DIR
OE
A or B
A or B
1.5V
tPZL
tPLZ
tPZH
tPHZ
3V
HIGH
IMPEDANCE
VOL +0.3V
VOH -0.3V
HIGH
IMPEDANCE
GND
tPHL
B or A
A or B
tPLH
1.5V
1.5V
3V
VOL
VOH
1.5V
1.5V
GND
1.5V
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
Figure 5. Test Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 6. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
W


Numéro de pièce similaire - 74HCT245

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT245 PHILIPS-74HCT245 Datasheet
130Kb / 22P
   Octal bus transceiver; 3-state
Rev. 03-31 January 2005
logo
Nexperia B.V. All right...
74HCT245 NEXPERIA-74HCT245 Datasheet
264Kb / 15P
   Octal bus transceiver; 3-state
Rev. 6 - 6 September 2021
74HCT245-Q100 NEXPERIA-74HCT245-Q100 Datasheet
259Kb / 15P
   Octal bus transceiver; 3-state
Rev. 2 - 14 July 2020
logo
ON Semiconductor
74HCT245A ONSEMI-74HCT245A Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
logo
NXP Semiconductors
74HCT245BQ PHILIPS-74HCT245BQ Datasheet
130Kb / 22P
   Octal bus transceiver; 3-state
Rev. 03-31 January 2005
More results

Description similaire - 74HCT245

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74HCT245A ONSEMI-MC74HCT245A Datasheet
180Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT245A ONSEMI-MC74HCT245A_07 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573A ONSEMI-MC74HCT573A_14 Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373ADWR2G ONSEMI-MC74HCT373ADWR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573ADWG ONSEMI-MC74HCT573ADWG Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HCT573A MOTOROLA-MC74HCT573A Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com