Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7538 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7538
Description  Microprocessor-Compatible 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7538 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7538_15 Datasheet HTML 7Page - Analog Devices AD7538_15 Datasheet HTML 8Page - Analog Devices AD7538_15 Datasheet HTML 9Page - Analog Devices AD7538_15 Datasheet HTML 10Page - Analog Devices AD7538_15 Datasheet HTML 11Page - Analog Devices AD7538_15 Datasheet HTML 12Page - Analog Devices AD7538_15 Datasheet HTML 13Page - Analog Devices AD7538_15 Datasheet HTML 14Page - Analog Devices AD7538_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7538
Rev. B | Page 11 of 16
BIPOLAR OPERATION (4-QUADRANT
MULTIPLICATION)
The recommended circuit diagram for bipolar operation is
shown in Figure 8. Offset binary coding is used. The code table
for Figure 8 is given in Table 7.
With the DAC loaded to 10 0000 0000 0000, adjust R1 for VO =
0 V. Alternatively, one can omit R1 and R2 and adjust the ratio
of R5 and R6 for VO = 0 V. Full-scale trimming can be accom-
plished by adjusting the amplitude of VIN or by varying the
value of R7.
The values given for R1, R2 are the minimum necessary to
calibrate the system for Resistors R5, R6, R7 ratio matched to
0.1%. System linearity error is independent of resistor ratio
matching and is affected by DAC linearity error only.
When operating over a wide temperature range, it is important
that the resistors be of the same type so that their temperature
coefficients match.
LOW LEAKAGE CONFIGURATION
For CMOS multiplying DAC, as the device is operated at higher
temperatures, the output leakage current increases. For a 14-bit
resolution system, this can be a significant source of error. The
AD7538 features a leakage reduction configuration to keep the
leakage current low over an extended temperature range. One
may operate the device with or without this configuration. If VSS
(Pin 24) is tied to AGND then the DAC exhibits normal output
leakage currents at high temperatures. To use the low leakage
facility, VSS should be tied to a voltage of approximately −0.3 V
as in Figure 6 and Figure 8. A simple resistor divider (R3, R4)
produces approximately −300 mV from −15 V. The C2
capacitor in parallel with R3 is an integral part of the low
leakage configuration and must be 4.7 μF or greater. Figure 7
is a plot of leakage current vs. temperature for both conditions.
It clearly shows the improvement gained by using the low
leakage configuration.
Table 7. Bipolar Code Table for the Offset Binary Circuit
of Figure 8
Binary Number In
DAC Register
Analog Output VOUT
MSB
LSB
11 1111 1111 1111
+VIN(8191/8192)
10 0000 0000 0001
+VIN(1/8192)
10 0000 0000 0000
0 V
01 1111 1111 1111
−VIN(1/8192)
00 0000 0000 0000
−VIN(8191/8192)
30
40
50
60
70
80
90
100 110 120
TEMPERATURE (°C)
60
50
40
30
20
10
0
VDD = 15V
VREF = 10V
VSS = 0V
VSS = –0.3V
Figure 7. Graph of Typical Leakage Current vs. Temperature for AD7538
619
5
24
23
1
20
21
22
2
3
4
DB13 TO DB0 DGND
VDD
VREF
RFB
IOUT
VDD
–15V
AGND
VSS
LDAC
CS
WR
LDAC
CS
WR
AD7538
A1
R3
1kΩ
R2
22Ω
R5
10kΩ
R7
20kΩ
R6
20kΩ
R8
5kΩ, 10%
R1
50Ω
R4
47kΩ
INPUT DATA
DIGITAL
GND
C2
4.7µF
C1
33pF
ANALOG
GND
AD711
A2
AD711
VIN
VO
+
Figure 8. Bipolar Operation


Numéro de pièce similaire - AD7538_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7538AQ AD-AD7538AQ Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538AQ AD-AD7538AQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538AQ AD-AD7538AQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538BQ AD-AD7538BQ Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538BQ AD-AD7538BQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Description similaire - AD7538_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
logo
Maxim Integrated Produc...
MX7534 MAXIM-MX7534 Datasheet
143Kb / 16P
   Microprocessor-Compatible, 14-Bit DACs
Rev 1; 11/96
logo
Analog Devices
AD7534 AD-AD7534 Datasheet
492Kb / 12P
   uP-Compatible 14-Bit DAC
REV. A
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7535 AD-AD7535_15 Datasheet
489Kb / 12P
   LC MOS P Compatible 14 Bit DAC
REV. A
AD7536 AD-AD7536_15 Datasheet
636Kb / 12P
   LC MOS 14 BIT P COMPATIBLE DAC
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com