Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ120A Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce SMBJ120A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ120A Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  SMBJ120A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ120A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ120A Datasheet HTML 3Page - List of Unclassifed Manufacturers SMBJ120A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMBJ5.0 thru SMBJ170CA
Document Number: SMBJ5.0 thru SMBJ170CA
www.smsemi.com
Feb.29, 2012
4
Characteristic Curve
Fig.3 Derating Curve
Fig. 1 Peak Pulse Power vs. Pulse Time
Fig.2 Pulse Waveform for Exponential Surge
100
10
1.0
0.1
0.1
1.0
10
10
2
10
3
10
4
tw-Pulse Width (µs)
Fig.4 Typical Capacitance vs.
Breakdown Voltage (Unipolar)
0
1.0
2.0
3.0
t-Time (ms)
tr=10µs
Peak Value IPP
Half Value IPP
2
10/1000µs Waveform
as defined by R.E.A.
150
100
50
0
1
10
10
2
10
3
VBR – Breakdown Voltage (V)
100
75
50
25
0
Peak Pulse Power
(Single pulse).
Average
Power
Measured at
Zero Bias
Measured at
Stand-off Voltage
10
4
10
3
10
2
10
Impulse
Exponential
Decay
1.0
0.5
IPP
IPP
tW
tW
tW=0.71p
tp
Half Sine
Square
Wave
Current Waveforms
tW
0
50
100
150
200
Lead or Ambient Temperature (℃)
Fig.5 Max. Non-Repetitive Forward Surge Current
Uni-Directional Only
1
10
100
Number of Cycles at 60HZ
100
10
TJ=TJ Max.
8.3ms Single Half Sine-Wave
打印无效


Numéro de pièce similaire - SMBJ120A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SMBJ120A LITTELFUSE-SMBJ120A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Galaxy Semi-Conductor H...
SMBJ120A BILIN-SMBJ120A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMBJ120A JGD-SMBJ120A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ120A VISHAY-SMBJ120A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Taiwan Semiconductor Co...
SMBJ120A TSC-SMBJ120A Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
More results

Description similaire - SMBJ120A

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com