Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7484 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7484
Description  3 MSPS, 14-Bit SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7484 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7484_15 Datasheet HTML 2Page - Analog Devices AD7484_15 Datasheet HTML 3Page - Analog Devices AD7484_15 Datasheet HTML 4Page - Analog Devices AD7484_15 Datasheet HTML 5Page - Analog Devices AD7484_15 Datasheet HTML 6Page - Analog Devices AD7484_15 Datasheet HTML 7Page - Analog Devices AD7484_15 Datasheet HTML 8Page - Analog Devices AD7484_15 Datasheet HTML 9Page - Analog Devices AD7484_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7484
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
VDRIVE to DGND
−0.3 V to +7 V
Analog Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
REFIN to AGND
−0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supply
Pins
±10 mA
Operating Temperature Range
−40°C to +85°C
Commercial
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
50°C/W
θJC Thermal Impedance
10°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
1 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD7484_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
   3 MSPS, 14-Bit SAR ADC
More results

Description similaire - AD7484_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
   3 MSPS, 14-Bit SAR ADC
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
   3 MSPS, 14-Bit SAR ADC
REV. C
EVAL-AD7484 AD-EVAL-AD7484_15 Datasheet
1Mb / 20P
   Evaluation Board for 3 MSPS, 14-Bit SAR ADC
REV. 0
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com