Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST11 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce ST11
Description  8 and 11 Pin Square Base Sockets, DIN Rail Mountable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST11 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  ST11 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
Custom Connector Corporation • 1738 E. 30th, Cleveland, OH 44114 • 216/241-1679 • Fax 216/241-5529
E-mail: sales@customconnector.com • Web: www.customconnector.com
TM
ST SERIES
RELAY SOCKETS
DESCRIPTION
8 and 11 Pin Square Base Sockets, DIN Rail Mountable
ELECTRICAL RATING
• 300 Volts, 15 Amps
CONSTRUCTION
Contacts
• Brass, Nickel Plated
Screws
• Binder Head, 6 - 32 x 1/4”
Steel, Zinc Plated
• Pressure Clamp, 6 - 32 X 5/16” Steel
Zinc Plated, Wire Range #12 - #22
Solid or Stranded
Molding
• Break Resistant Thermoplastic
Black Standard, Grey Available
AGENCY APPROVALS
• UL recognized, File No. E60008
• CSA certified, File No. LR29513
• CE
ORDERING CODE
PART NO.
DESCRIPTION
TERMINAL TYPE
ST08
DPDT, 8 Pin Blade
Binder Head Screws
ST08-PC
DPDT, 8 Pin Blade
Pressure Clamp Screws
ST11
3PDT, 11 Pin Blade
Binder Head Screws
ST11-PC
3PDT, 11 Pin Blade
Pressure Clamp Screws
ACCESSORIES
PART NO.
DESCRIPTION (Refer to the accessories pages 25-27))
C-103-PM
Prepunched Aluminum DIN Rail (1 Meter Lengths)
C-104-PM
Prepunched Steel DIN Rail (1 Meter Lengths)
C-105-PM
Prepunched Steel DIN Rail (1 Meter Lengths)
C-106-2PM
Prepunched Steel DIN Rail (2 Meter Lengths)
C-108-PM
Prepunched Raised Aluminum DIN Rail (1 Meter Lengths)
C-108-2PM
Prepunched Raised Aluminum DIN Rail (2 Meter Lengths)
HDB-8
Hold Down Spring
ST SERIES NOTE:
Terminals 2,5 and 8 omitted on
DPDT, 8 Pin models
B
TERMINAL LOCATION
TOP VIEW
8
9
7
BA
29513
IN
MADE
USA
65
4
1
2
3
A
987
TYP.
TYP.
1.550 [39.37]
1.703 [43.26]
.156 [3.96]
1.030 [26.16]
.390 [9.91]
1.500 [38.10]
3.000 [76.20]
.317 [8.04]
CUSTOM CONNECTOR
®
®


Numéro de pièce similaire - ST11

FabricantNo de pièceFiches techniqueDescription
logo
Japan Aviation Electron...
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
   microSD Memory Card Connector
logo
Vishay Siliconix
ST110-75T2MI VISHAY-ST110-75T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST1100-25L2MI VISHAY-ST1100-25L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
E-SWITCH
ST110000 E-SWITCH-ST110000 Datasheet
123Kb / 1P
   E-SWITCH 100SP1T6B11M2QEH
ST110000 E-SWITCH-ST110000 Datasheet
123Kb / 1P
   All Dimension In MM
More results

Description similaire - ST11

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
OT08-PC ETC2-OT08-PC Datasheet
87Kb / 1P
   8 and 11 Pin Octal Sockets, DIN Rail Mountable
logo
TDK Electronics
NES240-24 TDK-NES240-24 Datasheet
259Kb / 3P
   DIN rail mountable
logo
Weidmuller
6720005430 WEIDMULLER-6720005430 Datasheet
902Kb / 6P
   AC Outlet DIN-Rail Mountable Receptacles
logo
Chinfa Electronics Ind....
DRP20 CHINFA-DRP20 Datasheet
299Kb / 3P
   20A DIN RAIL MOUNTABLE REDUNDANT MODULE
DRP10 CHINFA-DRP10 Datasheet
156Kb / 3P
   10A DIN RAIL MOUNTABLE REDUNDANT MODULE
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
   DIN rail mountable type 30 ~ 240W
logo
Powerbox
PBDRP10 POWERBOX-PBDRP10 Datasheet
44Kb / 1P
   10A REDUNDANT MODULE DIN RAIL MOUNTABLE
PBDRP20 POWERBOX-PBDRP20 Datasheet
51Kb / 1P
   20A REDUNDANT MODULE DIN RAIL MOUNTABLE
logo
List of Unclassifed Man...
84115501 ETC2-84115501 Datasheet
520Kb / 4P
   DIN-Rail Mountable Single Point Input Modules
DR-IAC5 ETC2-DR-IAC5 Datasheet
550Kb / 4P
   DIN-Rail Mountable Single Point Input Modules
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com