Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7414ARTZ-2REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7414ARTZ-2REEL
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7414ARTZ-2REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7414ARTZ-2REEL Datasheet HTML 6Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 7Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 8Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 9Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 10Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 11Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 12Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 13Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7414/AD7415
Rev. F | Page 10 of 20
In the AD7415, only three of the bits are used (D7, D6, and D2)
to set the operating modes (see Table 12). D0, D1, and D3 to D5
are used for factory settings and must have zeros written to
them during normal operation.
Table 12. AD7415 Configuration Register Settings
D7
Full power-down if = 1.
D6
Bypass SDA and SCL filtering if = 0.
D2
Initiate a one-shot temperature conversion if set to 1.
The bit status is not stored; thus this bit is 0 if read.
If the AD7414/AD7415 are in power-down mode (D7 = 1), a
temperature conversion can still be initiated by the one-shot
operation. This involves a write operation to the configuration
register and setting the one-shot bit to 1 (D2 = 1), which causes
the AD7414/AD7415 to power up, perform a single conversion,
and power down again. This is a very power efficient mode.
TEMPERATURE VALUE REGISTER (ADDRESS 0X00)
The temperature value register is a 10-bit, read-only register
that stores the temperature reading from the ADC in twos
complement format. Two reads are necessary to read data from
this register. Table 13 shows the contents of the first byte to be
read, while Table 14 and Table 15 show the contents of the
second byte to be read from the AD7414 and AD7415,
respectively. In Table 14, D3 to D5 of the second byte are used
as flag bits and are obtained from other internal registers. They
function as follows:
ALERT_Flag: The state of this bit is the same as that of the
ALERT pin.
THIGH_Flag:
This flag is set to 1 when the temperature
measured goes above the THIGH limit. It is reset
when the second temperature byte (Table 14) is
read. If the temperature is still greater than the
THIGH limit after the read operation, the flag is
again.
TLOW_Flag:
This flag is set to 1 when the temperature
measured goes below the TLOW limit. It is reset
when the second temperature byte (Table 14) is
read. If the temperature is still less than the TLOW
limit after the read operation, the flag is set again.
The full theoretical span of the ADC is 255°C, but in practice
the temperature measurement range is limited to the operating
range of the device, −40°C to +125°C for the A grade.
Table 13. Temperature Value Register (First Read)
D15
D14
D13
D12
D11
D10
D9
D8
MSB
B8
B7
B6
B5
B4
B3
B2
Table 14. AD7414 Temperature Value Register (Second Read)
D7
D6
D5
D4
D3
D2
D1
D0
B1
LSB
ALERT_Flag
THIGH_Flag
TLOW_Flag
0
0
0
Table 15. AD7415 Temperature Value Register (Second Read)
D7
D6
D5
D4
D3
D2
D1
D0
B1
LSB
N/A
N/A
N/A
N/A
N/A
N/A
AD7414 THIGH REGISTER (ADDRESS 0X02)
The THIGH register (see Table 16) is an 8-bit, read/write register
that stores the upper limit that activates the ALERT output.
Therefore, if the value in the temperature value register is
greater than the value in the THIGH register, the ALERT pin is
activated (that is, if ALERT is enabled in the configuration
register). Because it is an 8-bit register, the temperature
resolution is 1°C.
Table 16. THIGH Register
D7
D6
D5
D4
D3
D2
D1
D0
MSB
B6
B5
B4
B3
B2
B1
B0
AD7414 TLOW REGISTER (ADDRESS 0X03)
The TLOW register (see Table 17) is an 8-bit read/write register
that stores the lower limit that deactivates the ALERT output.
Therefore, if the value in the temperature value register is less
than the value in the TLOW register, the ALERT pin is
deactivated (that is, if ALERT is enabled in the configuration
register).
Because it is an 8-bit register, the temperature resolution is 1°C.
Table 17. TLOW Register
D7
D6
D5
D4
D3
D2
D1
D0
MSB
B6
B5
B4
B3
B2
B1
B0


Numéro de pièce similaire - AD7414ARTZ-2REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

Description similaire - AD7414ARTZ-2REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com