Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7376 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD7376
Description  30 V/15 V Operation 128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7376 Fiches technique(HTML) 1 Page - Analog Devices

  AD7376_15 Datasheet HTML 1Page - Analog Devices AD7376_15 Datasheet HTML 2Page - Analog Devices AD7376_15 Datasheet HTML 3Page - Analog Devices AD7376_15 Datasheet HTML 4Page - Analog Devices AD7376_15 Datasheet HTML 5Page - Analog Devices AD7376_15 Datasheet HTML 6Page - Analog Devices AD7376_15 Datasheet HTML 7Page - Analog Devices AD7376_15 Datasheet HTML 8Page - Analog Devices AD7376_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
+30 V/±15 V Operation
128-Position Digital Potentiometer
AD7376
FEATURES
128 positions
10 kΩ, 50 kΩ, 100 kΩ
20 V to 30 V single-supply operation
±10 V to ±15 V dual-supply operation
3-wire SPI®-compatible serial interface
THD 0.006% typical
Programmable preset
Power shutdown: less than 1 µA
i
CMOS™ process technology
APPLICATIONS
High voltage DAC
Programmable power supply
Programmable gain and offset adjustment
Programmable filters, delays
Actuator control
Audio volume control
Mechanical potentiometer replacement
FUNCTIONAL BLOCK DIAGRAM
VDD
A
W
B
VSS
SDI
CLK
CS
SDO
7
7
R
7-BIT
LATCH
7-BIT
SERIAL
REGISTER
Q
D
CK
AD7376
SHDN
SHDN
RS
GND
Figure 1.
GENERAL DESCRIPTION
The AD73761 is one of the few high voltage, high performance
digital potentiometers2 on the market. This device can be used
as a programmable resistor or resistor divider. The AD7376
performs the same electronic adjustment function as mechanical
potentiometers, variable resistors, and trimmers with enhanced
resolution, solid-state reliability, and programmability. With
digital rather than manual control, the AD7376 provides layout
flexibility and allows closed-loop dynamic controllability.
The AD7376 features sleep-mode programmability in shutdown
that can be used to program the preset before device activation,
thus providing an alternative to costly EEPROM solutions.
The AD7376 is available in 14-lead TSSOP and 16-lead wide
body SOIC packages in 10 kΩ, 50 kΩ, and 100 kΩ options. All
parts are guaranteed to operate over the −40°C to +85°C
extended industrial temperature range.
1
Patent number: 54952455.
2
The terms digital potentiometer and RDAC are used interchangeably.
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1997–2011 Analog Devices, Inc. All rights reserved.


Numéro de pièce similaire - AD7376_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7376AN10 AD-AD7376AN10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AN100 AD-AD7376AN100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AN1M AD-AD7376AN1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AN50 AD-AD7376AN50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR10 AD-AD7376AR10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Description similaire - AD7376_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com