Moteur de recherche de fiches techniques de composants électroniques |
|
CD82C54-12 Fiches technique(PDF) 9 Page - Intersil Corporation |
|
CD82C54-12 Fiches technique(HTML) 9 Page - Intersil Corporation |
9 / 17 page 4-9 Mode 1: Hardware Retriggerable One-Shot OUT will be initially high. OUT will go low on the CLK pulse following a trigger to begin the one-shot pulse, and will remain low until the Counter reaches zero. OUT will then go high and remain high until the CLK pulse after the next trigger. After writing the Control Word and initial count, the Counter is armed. A trigger results in loading the Counter and setting OUT low on the next CLK pulse, thus starting the one-shot pulse N CLK cycles in duration. The one-shot is retriggerable, hence OUT will remain low for N CLK pulses after any trigger. The one-shot pulse can be repeated without rewriting the same count into the counter. GATE has no effect on OUT. If a new count is written to the Counter during a one-shot pulse, the current one-shot is not affected unless the Counter is retriggerable. In that case, the Counter is loaded with the new count and the one-shot pulse continues until the new count expires. FIGURE 10. MODE 1 Mode 2: Rate Generator This Mode functions like a divide-by-N counter. It is typically used to generate a Real Time Clock Interrupt. OUT will ini- tially be high. When the initial count has decremented to 1, OUT goes low for one CLK pulse. OUT then goes high again, the Counter reloads the initial count and the process is repeated. Mode 2 is periodic; the same sequence is repeated indefinitely. For an initial count of N, the sequence repeats every N CLK cycles. GATE = 1 enables counting; GATE = 0 disables counting. If GATE goes low during an output pulse, OUT is set high immediately. A trigger reloads the Counter with the initial count on the next CLK pulse; OUT goes low N CLK pulses after the trigger. Thus the GATE input can be used to syn- chronize the Counter. After writing a Control Word and initial count, the Counter will be loaded on the next CLK pulse. OUT goes low N CLK pulses after the initial count is written. This allows the Counter to be synchronized by software also. Writing a new count while counting does not affect the current counting sequence. If a trigger is received after writing a new count but before the end of the current period, the Counter will be loaded with the new count on the next CLK pulse and count- ing will continue from the end of the current counting cycle. FIGURE 11. MODE 2 WR CLK GATE OUT WR CLK GATE OUT WR CLK GATE OUT NNNN 0 3 0 2 0 1 0 0 FF FF 0 3 0 2 N CW = 12 LSB = 3 CW = 12 LSB = 3 CW = 12 LSB = 2 LSB = 4 NNNN 0 2 0 1 0 0 FF FF FF FE 0 4 0 3 N NNNN 0 3 0 2 0 1 0 3 0 2 0 1 0 0 N NNN N 0 2 0 1 0 3 0 2 0 1 0 3 0 3 NNN N 0 2 0 2 0 3 0 2 0 1 0 3 0 3 NNN N 0 3 0 2 0 1 0 5 0 4 0 3 0 4 WR CLK GATE OUT CW = 14 LSB = 3 WR CLK GATE OUT CW = 14 LSB = 3 WR CLK GATE OUT CW = 14 LSB = 4 LSB = 5 82C54 |
Numéro de pièce similaire - CD82C54-12 |
|
Description similaire - CD82C54-12 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |