Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6636 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD6636
Description  150 MSPS, Wideband, Digital Downconverter
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6636 Fiches technique(HTML) 3 Page - Analog Devices

  AD6636_15 Datasheet HTML 1Page - Analog Devices AD6636_15 Datasheet HTML 2Page - Analog Devices AD6636_15 Datasheet HTML 3Page - Analog Devices AD6636_15 Datasheet HTML 4Page - Analog Devices AD6636_15 Datasheet HTML 5Page - Analog Devices AD6636_15 Datasheet HTML 6Page - Analog Devices AD6636_15 Datasheet HTML 7Page - Analog Devices AD6636_15 Datasheet HTML 8Page - Analog Devices AD6636_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
AD6636
Rev. A | Page 3 of 80
REVISION HISTORY
6/05—Rev. 0 to Rev. A
Changes to Format ............................................................. Universal
Changes to Figure 1...........................................................................1
Changes to Applications...................................................................1
Changes to General Description .....................................................4
Changes to Table 3 ............................................................................7
Changes to Table 5 ............................................................................9
Changes to Table 8 ..........................................................................11
Changes to Figure 17 ......................................................................18
Changes to Figure 18 and Figure 19 .............................................19
Changes to Figure 25 ......................................................................23
Changes to Mean Power Mode (Control Bits 01) Section .........24
Changes to NCO Frequency Section ............................................27
Changes to Figure 30 ......................................................................28
Changes to 6-Tap Fixed Coefficient Filter (FIR2) Section ........32
Changes to Decimate-by-2, Half-Band Filter (HB2) Section....32
Changes to Table 17 ........................................................................32
Changes to Clock Rate Section......................................................34
Changes to Programming DRCF Register for a Symmetric
Filter Section ...................................................................................35
Changes to Channel RAM Coefficient Filter (CRCF)
Section ..............................................................................................36
Changes to Programming CRCF Register for a Symmetrical
Filter Section ....................................................................................37
Changes to Desired Signal Level Mode Section..........................41
Changes to Figure 41 ......................................................................45
Changes to Figure 42 and Figure 43 .............................................46
Changes to Start with Soft Sync Section ......................................48
Changes to Hop with Soft Sync Section.......................................49
Changes to Hop with Pin Sync Section........................................49
Replaced Serial Control Port Section ...........................................49
Changes to Intel (INM) Mode Section.........................................58
Changes to Motorola (MNM) Mode Section ..............................59
Changes to Table 30 ........................................................................61
Changes to Channel Register Map Section .................................68
Changes to AGC Control Register <10:0> Section ....................71
Changes to BIST Control <15:0> Section....................................73
Changes to Parallel Port Output Control <23:0> .......................73
Changes to Table 44 ........................................................................74
Changes to Design Notes ...............................................................77
Changes to Figure 59 ......................................................................77
8/04—Revision 0: Initial Version


Numéro de pièce similaire - AD6636_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6636BBCZ1 AD-AD6636BBCZ1 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636BC AD-AD6636BC Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636CBCZ1 AD-AD6636CBCZ1 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636PCB AD-AD6636PCB Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
More results

Description similaire - AD6636_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC334LP4 HITTITE-HMC334LP4_10 Datasheet
315Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
logo
Analog Devices
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com