Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5570 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5570
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5570 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5570_15 Datasheet HTML 4Page - Analog Devices AD5570_15 Datasheet HTML 5Page - Analog Devices AD5570_15 Datasheet HTML 6Page - Analog Devices AD5570_15 Datasheet HTML 7Page - Analog Devices AD5570_15 Datasheet HTML 8Page - Analog Devices AD5570_15 Datasheet HTML 9Page - Analog Devices AD5570_15 Datasheet HTML 10Page - Analog Devices AD5570_15 Datasheet HTML 11Page - Analog Devices AD5570_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5570
Rev. C | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to AGND, AGNDS, DGND
−0.3 V to +17 V
VSS to AGND, AGNDS, DGND
+0.3 V to −17 V
AGND, AGNDS to DGND
−0.3 V to +0.3 V
REFGND to AGND, ADNDS
−0.3 V to +0.3 V
REFIN to AGND, AGNDS
−0.3 V to +17 V
REFIN to REFGND
−0.3 V to +17 V
Digital Inputs to DGND
−0.3 V to VDD + 0.3 V
VOUT to AGND, AGNDS
VSS − 0.3 V to
VDD + 0.3 V
SDO to DGND
−0.3 V to +6.5 V
Operating Temperature Range
W/Y Grades
−40°C to +125°C
A/B Grades
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature (TJ max)
150°C
16-Lead SSOP Package
Power Dissipation
(TJ max – TA)/θJA
θJA Thermal Impedance
139°C/W
Lead Temperature (Soldering, 10 sec)
300°C
IR Reflow, Peak Temperature
230°C
ESD1
5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 HBM classification.


Numéro de pièce similaire - AD5570_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5570ARS AD-AD5570ARS Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
AD5570ARS-REEL AD-AD5570ARS-REEL Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
AD5570ARS-REEL7 AD-AD5570ARS-REEL7 Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
AD5570BRS AD-AD5570BRS Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
AD5570BRS-REEL AD-AD5570BRS-REEL Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
More results

Description similaire - AD5570_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
963Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. 0
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com