Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5557 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5557
Description  Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5557 Fiches technique(HTML) 3 Page - Analog Devices

  AD5557_15 Datasheet HTML 1Page - Analog Devices AD5557_15 Datasheet HTML 2Page - Analog Devices AD5557_15 Datasheet HTML 3Page - Analog Devices AD5557_15 Datasheet HTML 4Page - Analog Devices AD5557_15 Datasheet HTML 5Page - Analog Devices AD5557_15 Datasheet HTML 6Page - Analog Devices AD5557_15 Datasheet HTML 7Page - Analog Devices AD5557_15 Datasheet HTML 8Page - Analog Devices AD5557_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD5547/AD5557
Rev. D | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = 2.7 V to 5.5 V, IOUT = virtual GND, GND = 0 V, VREF = −10 V to +10 V, TA = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE1
Resolution
N
AD5547, 1 LSB = V
REF/2
16 = 153 µV at V
REF = 10 V
16
Bits
AD5557, 1 LSB = V
REF/2
14 = 610 µV at V
REF = 10 V
14
Bits
Relative Accuracy
INL
Grade: AD5557C
±1
LSB
Grade: AD5547B
±2
LSB
Grade: AD5547C
±1
LSB
Differential Nonlinearity
DNL
Monotonic
±1
LSB
Output Leakage Current
I
OUT
Data = zero scale, T
A = 25°C
10
nA
Data = zero scale, T
A = TA maximum
20
nA
Full-Scale Gain Error
G
FSE
Data = full scale
±1
±4
mV
Bipolar Mode Gain Error
G
E
Data = full scale
±1
±4
mV
Bipolar Mode Zero-Scale Error
G
ZSE
Data = full scale
±1
±3
mV
Full-Scale Temperature Coefficient2
TCV
FS
1
ppm/°C
REFERENCE INPUT
V
REF Range
V
REF
−18
+18
V
REF Input Resistance
REF
4
5
6
kΩ
R1 and R2 Resistance
R1 and R2
4
5
6
kΩ
R1-to-R2 Mismatch
Δ(R1 to R2)
±0.5
±1.5
Feedback and Offset Resistance
R
FB, ROFS
8
10
12
kΩ
Input Capacitance2
C
REF
5
pF
ANALOG OUTPUT
Output Current
I
OUT
Data = full scale
2
mA
Output Capacitance2
C
OUT
Code dependent
200
pF
LOGIC INPUT AND OUTPUT
Logic Input Low Voltage
V
IL
V
DD = 5 V
0.8
V
V
DD = 3 V
0.4
V
Logic Input High Voltage
V
IH
V
DD = 5 V
2.4
V
V
DD = 3 V
2.1
V
Input Leakage Current
I
IL
10
µA
Input Capacitance2
C
IL
10
pF
INTERFACE TIMING2, 3
See Figure 3
Data to WR Setup Time
t
DS
V
DD = 5 V
20
ns
V
DD = 3 V
35
ns
Data to WR Hold Time
t
DH
V
DD = 5 V
0
ns
V
DD = 3 V
0
ns
WR Pulse Width
t
WR
V
DD = 5 V
20
ns
V
DD = 3 V
35
ns
LDAC Pulse Width
t
LDAC
V
DD = 5 V
20
ns
V
DD = 3 V
35
ns
RS Pulse Width
t
RS
V
DD = 5 V
20
ns
V
DD = 3 V
35
ns
WR to LDAC Delay Time
t
LWD
V
DD = 5 V
0
ns
V
DD = 3 V
0
ns


Numéro de pièce similaire - AD5557_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5557CRU AD-AD5557CRU Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557CRU AD-AD5557CRU Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5557CRU AD-AD5557CRU Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5557CRU AD-AD5557CRU Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
AD5557CRU-REEL7 AD-AD5557CRU-REEL7 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
More results

Description similaire - AD5557_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com