Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ22CA Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce SMAJ22CA
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAJ22CA Fiches technique(HTML) 2 Page - Diodes Incorporated

  SMAJ22CA Datasheet HTML 1Page - Diodes Incorporated SMAJ22CA Datasheet HTML 2Page - Diodes Incorporated SMAJ22CA Datasheet HTML 3Page - Diodes Incorporated SMAJ22CA Datasheet HTML 4Page - Diodes Incorporated SMAJ22CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMAJ5.0(C)A – SMAJ200(C)A
Document number: DS19005 Rev. 16 - 2
2 of 5
www.diodes.com
January 2012
© Diodes Incorporated
SMAJ5.0(C)A – SMAJ200(C)A
Electrical Characteristics @TA = 25°C unless otherwise specified
Part Number
Add C For
Bidirectional
(Note 7)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 8)
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 9)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current
Ipp
Marking Code
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (μA)
VC (V)
(A)
BI-
UNI-
SMAJ5.0(C)A
5.0
6.40
7.25
10
800
9.2
43.5
TE
HE
SMAJ6.0(C)A
6.0
6.67
7.37
10
800
10.3
38.8
TG
HG
SMAJ6.5(C)A
6.5
7.22
7.98
10
500
11.2
35.7
TK
HK
SMAJ7.0(C)A
7.0
7.78
8.60
10
200
12.0
33.3
TM
HM
SMAJ7.5(C)A
7.5
8.33
9.21
1.0
100
12.9
31.0
TP
HP
SMAJ8.0(C)A
8.0
8.89
9.83
1.0
50
13.6
29.4
TR
HR
SMAJ8.5(C)A
8.5
9.44
10.4
1.0
10
14.4
27.7
TT
HT
SMAJ9.0(C)A
9.0
10.0
11.1
1.0
5.0
15.4
26.0
TV
HV
SMAJ10(C)A
10
11.1
12.3
1.0
5.0
17.0
23.5
TX
HX
SMAJ11(C)A
11
12.2
13.5
1.0
5.0
18.2
22.0
TZ
HZ
SMAJ12(C)A
12
13.3
14.7
1.0
5.0
19.9
20.1
UE
IE
SMAJ13(C)A
13
14.4
15.9
1.0
5.0
21.5
18.6
UG
IG
SMAJ14(C)A
14
15.6
17.2
1.0
5.0
23.2
17.2
UK
IK
SMAJ15(C)A
15
16.7
18.5
1.0
5.0
24.4
16.4
UM
IM
SMAJ16(C)A
16
17.8
19.7
1.0
5.0
26.0
15.3
UP
IP
SMAJ17(C)A
17
18.9
20.9
1.0
5.0
27.6
14.5
UR
IR
SMAJ18(C)A
18
20.0
22.1
1.0
5.0
29.2
13.7
UT
IT
SMAJ20(C)A
20
22.2
24.5
1.0
5.0
32.4
12.3
UV
IV
SMAJ22(C)A
22
24.4
26.9
1.0
5.0
35.5
11.2
UX
IX
SMAJ24(C)A
24
26.7
29.5
1.0
5.0
38.9
10.3
UZ
IZ
SMAJ26(C)A
26
28.9
31.9
1.0
5.0
42.1
9.5
VE
JE
SMAJ28(C)A
28
31.1
34.4
1.0
5.0
45.4
8.8
VG
JG
SMAJ30(C)A
30
33.3
36.8
1.0
5.0
48.4
8.3
VK
JK
SMAJ33(C)A
33
36.7
40.6
1.0
5.0
53.3
7.5
VM
JM
SMAJ36(C)A
36
40.0
44.2
1.0
5.0
58.1
6.9
VP
JP
SMAJ40(C)A
40
44.4
49.1
1.0
5.0
64.5
6.2
VR
JR
SMAJ43(C)A
43
47.8
52.8
1.0
5.0
69.4
5.7
VT
JT
SMAJ45(C)A
45
50.0
55.3
1.0
5.0
72.7
5.5
VV
JV
SMAJ48(C)A
48
53.3
58.9
1.0
5.0
77.4
5.2
VX
JX
SMAJ51(C)A
51
56.7
62.7
1.0
5.0
82.4
4.9
VZ
JZ
SMAJ54(C)A
54
60.0
66.3
1.0
5.0
87.1
4.6
WE
RE
SMAJ58(C)A
58
64.4
71.2
1.0
5.0
93.6
4.3
WG
RG
SMAJ60(C)A
60
66.7
73.7
1.0
5.0
96.8
4.1
WK
RK
SMAJ64(C)A
64
71.1
78.6
1.0
5.0
103
3.9
WM
RM
SMAJ70(C)A
70
77.8
86.0
1.0
5.0
113
3.5
WP
RP
SMAJ75(C)A
75
83.3
92.1
1.0
5.0
121
3.3
WR
RR
SMAJ78(C)A
78
86.7
95.8
1.0
5.0
126
2.2
WT
RT
SMAJ85(C)A
85
94.4
104
1.0
5.0
137
2.9
WV
RV
SMAJ90(C)A
90
100
111
1.0
5.0
146
2.7
WX
RX
SMAJ100(C)A
100
111
123
1.0
5.0
162
2.5
WZ
RZ
SMAJ110(C)A
110
122
135
1.0
5.0
177
2.3
XE
SE
SMAJ120(C)A
120
133
147
1.0
5.0
193
2.0
XG
SG
SMAJ130(C)A
130
144
159
1.0
5.0
209
1.9
XK
SK
SMAJ150(C)A
150
167
185
1.0
5.0
243
1.6
XM
SM
SMAJ160(C)A
160
178
197
1.0
5.0
259
1.5
XP
SP
SMAJ170(C)A
170
189
209
1.0
5.0
275
1.4
XR
SR
SMAJ200(C)A
200
224
248
1.0
1.0
324
1.2
YT
ST
Notes:
7. Suffix C denotes Bi-directional device.
8. VBR measured with IT current pulse = 300μs
9. For Bidirectional devices having VRWM of 10V and under, the IR is doubled.


Numéro de pièce similaire - SMAJ22CA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SMAJ22CA DIODES-SMAJ22CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ22CA BYTES-SMAJ22CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Alpha & Omega Semicondu...
SMAJ22CA AOSMD-SMAJ22CA Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
SeCoS Halbleitertechnol...
SMAJ22CA SECOS-SMAJ22CA Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
logo
PACELEADER INDUSTRIAL
SMAJ22CA PACELEADER-SMAJ22CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - SMAJ22CA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com