Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5452YUJZ-REEL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5452YUJZ-REEL7
Description  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5452YUJZ-REEL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD5452YUJZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5452YUJZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5452YUJZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5452YUJZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5452YUJZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5452YUJZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5452YUJZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5452YUJZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5452YUJZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5450/AD5451/AD5452/AD5453
Data Sheet
Rev. G | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions
DYNAMIC PERFORMANCE1
Reference-Multiplying BW
12
MHz
VREF = ±3.5 V, DAC loaded with all 1s
Multiplying Feedthrough Error
VREF = ±3.5 V, DAC loaded with all 0s
72
dB
100 kHz
64
dB
1 MHz
44
dB
10 MHz
Output Voltage Settling Time
VREF = 10 V, RLOAD = 100 Ω; DAC latch alternately
loaded with 0s and 1s
Measured to ±1 mV of FS
100
110
ns
Measured to ±4 mV of FS
24
40
ns
Measured to ±16 mV of FS
16
33
ns
Digital Delay
20
40
ns
Interface delay time
10% to 90% Settling Time
10
30
ns
Rise and fall times, VREF = 10 V, RLOAD = 100 Ω
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry, VREF = 0 V
Output Capacitance
IOUT1
13
pF
DAC latches loaded with all 0s
28
pF
DAC latches loaded with all 1s
IOUT2
18
pF
DAC latches loaded with all 0s
5
pF
DAC latches loaded with all 1s
Digital Feedthrough
0.5
nV-s
Feedthrough to DAC output with CS high and
alternate loading of all 0s and all 1s
Analog THD
83
dB
VREF = 3.5 V p-p, all 1s loaded, f = 1 kHz
Digital THD
Clock = 1 MHz, VREF = 3.5 V
50 kHz fOUT
71
dB
20 kHz fOUT
77
dB
Output Noise Spectral Density
25
nV/√Hz
@ 1 kHz
SFDR Performance (Wide Band)
Clock = 1 MHz, VREF = 3.5 V
50 kHz fOUT
78
dB
20 kHz fOUT
74
dB
SFDR Performance (Narrow Band)
Clock = 1 MHz, VREF = 3.5 V
50 kHz fOUT
87
dB
20 kHz fOUT
85
dB
Intermodulation Distortion
79
dB
f1 = 20 kHz, f2 = 25 kHz, clock = 1 MHz, VREF = 3.5 V
POWER REQUIREMENTS
Power Supply Range
2.5
5.5
V
IDD
0.4
10
µA
TA = −40°C to +125°C, logic inputs = 0 V or VDD
0.6
µA
TA = 25°C, logic inputs = 0 V or VDD
Power Supply Sensitivity1
0.001
%/%
∆VDD = ±5%
1
Guaranteed by design and characterization, not subject to production test.


Numéro de pièce similaire - AD5452YUJZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Description similaire - AD5452YUJZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com