Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5452YUJZ-REEL Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5452YUJZ-REEL
Description  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5452YUJZ-REEL Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5452YUJZ-REEL Datasheet HTML 5Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 6Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 7Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 8Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 9Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 10Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 11Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 12Page - Analog Devices AD5452YUJZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 9 of 28
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
2584
4096
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 12. DNL vs. Code (12-Bit DAC)
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
0
2048
4096
6144
8192
10240
12288
14336
16384
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 13. DNL vs. Code (14-Bit DAC)
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
2
3
4
5
6
7
8
9
10
REFERENCE VOLTAGE (V)
TA = 25°C
VDD = 5V
AD5452
MAX INL
MIN INL
Figure 14. INL vs. Reference Voltage
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2
3
4
5
6
7
8
9
10
REFERENCE VOLTAGE (V)
TA = 25°C
VDD = 5V
AD5452
MAX DNL
MIN DNL
Figure 15. DNL vs. Reference Voltage
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
32
64
96
128
160
192
224
256
CODE
TA = 25°C
VREF = 10V
VDD = 5V
AD5450
Figure 16. TUE vs. Code (8-Bit DAC)
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
128
256
384
512
640
768
896
1024
CODE
TA = 25°C
VREF = 10V
VDD = 5V
AD5451
Figure 17. TUE vs. Code (10-Bit DAC)


Numéro de pièce similaire - AD5452YUJZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5452YUJZ-REEL AD-AD5452YUJZ-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Description similaire - AD5452YUJZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com