Moteur de recherche de fiches techniques de composants électroniques |
|
AD5381 Fiches technique(PDF) 3 Page - Analog Devices |
|
AD5381 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 40 page Data Sheet AD5381 REVISION HISTORY 5/14—Rev. D to Rev. E Deleted ADSP-2103 ...................................................... Throughout Changed ADSP-2101 to ADSP-BF527....................... Throughout Deleted Table 1; Renumbered Sequentially ...................................3 Changed ±10 µA to ±1 µA, Reference Input/Output, Input Current Parameter, Table 1 ..............................................................5 Changed ±10 µA to ±1 µA, Reference Input/Output, Input Current Parameter, Table 2 ..............................................................7 Changes to Table 4 ............................................................................9 Changes to Table 6 ..........................................................................12 Changes to Soft Reset Section .......................................................23 Changes to Reset Function Section ..............................................26 Changes to Figure 38 ......................................................................33 Added Power Supply Sequencing Section, Table 18, Figure 39, and Figure 40; Renumbered Sequentially ....................................34 Changed ADR280 to ADR3412, Typical Configuration Circuit Section ..............................................................................................35 Added Figure 41 and Figure 42.....................................................35 9/12—Rev. C to Rev. D Changes to Product Title..................................................................1 Changes to General Description Section and Table 1..................3 Deleted Table 2; Renumbered Sequentially ...................................3 5/12—Rev. B to Rev. C Changes to Features ..........................................................................1 Changes to Table 3 ............................................................................4 Changes to Table 4 ............................................................................6 Changes to Output Voltage Settling Time and Slew Rate Parameters, Table 5 ...........................................................................7 Changes to t14, t17, and t19 Parameters, Table 6...............................8 Changes to Table 9 ..........................................................................13 Changes to Figure 10, Figure 11, and Figure 14 .........................18 Changes to Figure 16 to Figure 18 and Figure 20.......................19 Updated Outline Dimensions and Changes to Ordering Guide ....37 8/05—Rev. A to Rev. B Changes to Table 2 ............................................................................3 Changes to Specifications Section ..................................................4 Changes to Absolute Maximum Ratings Section .......................13 Changes to Figure 43 ......................................................................35 Changes to Ordering Guide...........................................................37 6/04—Data Sheet Changed from Rev. 0 to Rev. A Changes to Ordering Guide...........................................................36 5/04—Revision 0: Initial Version Rev. E | Page 3 of 40 |
Numéro de pièce similaire - AD5381_15 |
|
Description similaire - AD5381_15 |