Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5380 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5380 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 4Page - Analog Devices AD5380_15 Datasheet HTML 5Page - Analog Devices AD5380_15 Datasheet HTML 6Page - Analog Devices AD5380_15 Datasheet HTML 7Page - Analog Devices AD5380_15 Datasheet HTML 8Page - Analog Devices AD5380_15 Datasheet HTML 9Page - Analog Devices AD5380_15 Datasheet HTML 10Page - Analog Devices AD5380_15 Datasheet HTML 11Page - Analog Devices AD5380_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD5380
Data Sheet
Parameter
AD5380-31
Unit
Test Conditions/Comments
LOGIC OUTPUTS (BUSY, SDO)3
VOL, Output Low Voltage
0.4
V max
Sinking 200 µA
VOH, Output High Voltage
DVDD – 0.5
V min
Sourcing 200 µA
High Impedance Leakage Current
±1
µA max
SDO only
High Impedance Output Capacitance
5
pF typ
SDO only
LOGIC OUTPUT (SDA)3
VOL, Output Low Voltage
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
Three-State Leakage Current
±1
µA max
Three-State Output Capacitance
8
pF typ
POWER REQUIREMENTS
AVDD
2.7/3.6
V min/max
DVDD
2.7/5.5
V min/max
Power Supply Sensitivity3
∆Midscale/∆ΑVDD
–85
dB typ
AIDD
0.375
mA/channel max
Outputs unloaded; boost off; 0.25 mA/channel typical
0.475
mA/channel max
Outputs unloaded; boost on; 0.325 mA/channel typical
DIDD
1
mA max
VIH = DVDD, VIL = DGND
AIDD (Power-Down)
20
µA max
Typically 100 nA
DIDD (Power-Down)
20
µA max
Typically 1 µA
Power Dissipation
48
mW max
Outputs unloaded; boost off, AVDD = DVDD = 3 V
1
AD5380-3 is calibrated using an external 1.25 V reference. Temperature range is –40°C to +85°C.
2
Accuracy guaranteed from VOUT = 10 mV to AVDD – 50 mV.
3
Guaranteed by characterization, not production tested.
4
Default on the AD5380-3 is 1.25 V. Programmable to 2.5 V via CR12 in the AD5380 control register; operating the AD5380-3 with a 2.5 V reference will lead to degraded
accuracy specifications and limited input code range.
AC CHARACTERISTICS1
AVDD = 2.7 V to 3.6 V or 4.5 V to 5.5 V; DVDD = 2.7 V to 5.5 V; AGND = DGND = 0 V.
Table 3.
Parameter
All
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time2
1/4 scale to 3/4 scale change settling to ±1 LSB
3
µs typ
Boost mode off, CR11 = 0
8
µs max
Boost mode off, CR11 = 0
Slew Rate2
1.5
V/µs typ
Boost mode off, CR11 = 0
2.5
V/µs typ
Boost mode on, CR11 = 1
Digital-to-Analog Glitch Energy
12
nV-s typ
Glitch Impulse Peak Amplitude
15
mV typ
DAC-to-DAC Crosstalk
1
nV-s typ
See Terminology section
Digital Crosstalk
0.8
nV-s typ
Digital Feedthrough
0.1
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise 0.1 Hz to 10 Hz
15
µV p-p typ
External reference, midscale loaded to DAC
40
µV p-p typ
Internal reference, midscale loaded to DAC
Output Noise Spectral Density
At 1 kHz
150
nV/√Hz typ
At 10 kHz
100
nV/√Hz typ
1
Guaranteed by design and characterization, not production tested.
2
The slew rate can be programmed via the current boost control bit (CR11) in the AD5380 control register.
Rev. D | Page 8 of 40


Numéro de pièce similaire - AD5380_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-5 AD-AD5380BST-5 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
More results

Description similaire - AD5380_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381_15 Datasheet
805Kb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Rev. E
AD5382 AD-AD5382_15 Datasheet
872Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit denseDAC
REV. D
AD5381BSTZ-5 AD-AD5381BSTZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com