Moteur de recherche de fiches techniques de composants électroniques |
|
GS6042 Fiches technique(PDF) 6 Page - Semtech Corporation |
|
GS6042 Fiches technique(HTML) 6 Page - Semtech Corporation |
6 / 21 page GS6042 Final Data Sheet Rev. 3 PDS-060055 May 2014 6 of 21 Proprietary and Confidential www.semtech.com 2. Electrical Characteristics 2.1 Absolute Maximum Ratings 2.2 DC Electrical Characteristics Table 2-1: Absolute Maximum Ratings Parameter Value Supply Voltage - Core/Output Driver -0.5V to +3.6V DC Input ESD Voltage (HBM) 5kV Storage Temperature Range (Ts) -50°C to +125°C Input Voltage Range (any input) -0.3 to (VCC_A +0.3)V Operating Temperature Range -40°C to +85°C Solder Reflow Temperature 260°C Note: Absolute Maximum Ratings are those values beyond which damage may occur. Functional operation outside of the ranges shown in the AC and DC Electrical Characteristics is not guaranteed. Table 2-2: DC Electrical Characteristics VCC_A = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown. Parameter Symbol Conditions Min Typ Max Units Notes Supply Voltage - Core VCC_A — 3.135 3.3 3.465 V — Supply Voltage - Output Driver VCC_O — 1.14 1.2 1.26 V 1 — 2.375 2.5 2.625 V 1 — 3.135 3.3 3.465 V 1 |
Numéro de pièce similaire - GS6042 |
|
Description similaire - GS6042 |